Electronic Components Datasheet Search
  English  ▼

X  

OPA1637 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA1637
Description  OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown™ Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1637 Datasheet(HTML) 5 Page - Texas Instruments

  OPA1637 Datasheet HTML 1Page - Texas Instruments OPA1637 Datasheet HTML 2Page - Texas Instruments OPA1637 Datasheet HTML 3Page - Texas Instruments OPA1637 Datasheet HTML 4Page - Texas Instruments OPA1637 Datasheet HTML 5Page - Texas Instruments OPA1637 Datasheet HTML 6Page - Texas Instruments OPA1637 Datasheet HTML 7Page - Texas Instruments OPA1637 Datasheet HTML 8Page - Texas Instruments OPA1637 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
6.5 Electrical Characteristics
at TA = 25°C, VS (dual supply) = ±1.5 V to ±18 V, VVOCM = 0 V, input common mode voltage (VICM) = 0 V, RF = 2
kΩ, V PD = VVS+, RL = 10 kΩ(1) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
SSBW
Small-signal bandwidth
VO (2) = 100 mVPP, G = –1 V/V
7
MHz
GBP
Gain-bandwidth product
VO = 100 mVPP, G = –10 V/V
9.2
MHz
FBP
Full-power bandwidth
VO = –1 VPP, G = –1 V/V
2.5
MHz
SR
Slew rate
G = –1, 10-V step
15
V/µs
Settling time
0.1% of final value, G = –1 V/V, VO = 10-V step
1
µs
0.01% of final value, G = –1 V/V, VO= 10-V step
2
THD+N
Total harmonic distortion and
noise
Differential input, f = 1 kHz, VO = 10 VPP
–120
dB
0.0001
%
Single-ended input, f = 1 kHz, VO = 10 VPP
–115
dB
0.00018
%
Differential input, f = 10 kHz, VO = 10 VPP
–112
dB
0.00025
%
Single-ended input, f = 10 kHz, VO = 10 VPP
–107
dB
0.00045
%
HD2
Second-order harmonic distortion
Differential input, f = 1 kHz, VO = 10 VPP
–126
dB
Single-ended input, f = 1 kHz, VO = 10 VPP
–120
HD3
Third-order harmonic distortion
Differential input, f = 1 kHz, VO = 10 VPP
–131
dB
Single-ended input, f = 1 kHz, VO = 10 VPP
–119
Overdrive recovery time
G = 5 V/V, 2x output overdrive, dc-coupled
3.3
µs
NOISE
en
Input differential voltage noise
f = 1 kHz
3.7
nV/√ Hz
f = 10 Hz
4
f = 0.1 Hz to 10 Hz
0.1
µVPP
ei
Input current noise, each input
f = 1 kHz
300
fA/√ Hz
f = 10 Hz
400
f = 0.1 Hz to 10 Hz
13.4
pAPP
OFFSET VOLTAGE
VIO
Input-referred offset voltage
20
±200
µV
TA = –40°C to +125°C
±250
Input offset voltage drift
TA = –40°C to +125°C
0.1
±1
µV/°C
PSRR
Power-supply rejection ratio
0.025
±0.5
µV/V
TA = –40°C to +125°C
±1
INPUT BIAS CURRENT
IB
Input bias current
0.2
±2
nA
TA = –40°C to +125°C
±4
Input bias current drift
TA = –40°C to +125°C
2
±15
pA/°C
IOS
Input offset current
0.2
±1
nA
TA = –40°C to +125°C
±3
Input offset current drift
TA = –40°C to +125°C
1
±10
pA/°C
www.ti.com
OPA1637
SBOSA00B – DECEMBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA1637



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com