Electronic Components Datasheet Search
  English  ▼

X  

OPA1637 Datasheet(PDF) 28 Page - Texas Instruments

Part # OPA1637
Description  OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown™ Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1637 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA1637 Datasheet HTML 24Page - Texas Instruments OPA1637 Datasheet HTML 25Page - Texas Instruments OPA1637 Datasheet HTML 26Page - Texas Instruments OPA1637 Datasheet HTML 27Page - Texas Instruments OPA1637 Datasheet HTML 28Page - Texas Instruments OPA1637 Datasheet HTML 29Page - Texas Instruments OPA1637 Datasheet HTML 30Page - Texas Instruments OPA1637 Datasheet HTML 31Page - Texas Instruments OPA1637 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
12 Device and Documentation Support
12.1 Device Support
12.1.1 Development Support
• OPA1637 TINA-TI™ model
• TINA-TI Gain of 0.2 100kHz Butterworth MFB Filter
• TINA-TI 100kHz MFB filter LG test
• TINA-TI Differential Transimpedance LG Sim
12.2 Documentation Support
12.2.1 Related Documentation
For related documentation see the following:
• Texas Instruments, OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias
Current Op Amp with e-trim™ data sheet
• Texas Instruments, OPA161x SoundPlus™ High-Performance, Bipolar-Input Audio Operational Amplifiers
data sheet
• Texas Instruments, Design Methodology for MFB Filters in ADC Interface Applications application report
• Texas Instruments, Design for Wideband Differential Transimpedance DAC Output application report
• Texas Instruments, PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog
Converter data sheet
• Texas Instruments, TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog Input Class-D
Amplifier data sheet
12.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Subscribe to updates to register and receive a weekly digest of any product information that has changed. For
change details, review the revision history included in any revised document.
12.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
12.5 Trademarks
Burr-Brown™ and TI E2E™ are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
12.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
12.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
13 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
OPA1637
SBOSA00B – DECEMBER 2019 – REVISED AUGUST 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA1637



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com