Electronic Components Datasheet Search
  English  ▼

X  

OPA1637 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA1637
Description  OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown™ Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1637 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA1637 Datasheet HTML 9Page - Texas Instruments OPA1637 Datasheet HTML 10Page - Texas Instruments OPA1637 Datasheet HTML 11Page - Texas Instruments OPA1637 Datasheet HTML 12Page - Texas Instruments OPA1637 Datasheet HTML 13Page - Texas Instruments OPA1637 Datasheet HTML 14Page - Texas Instruments OPA1637 Datasheet HTML 15Page - Texas Instruments OPA1637 Datasheet HTML 16Page - Texas Instruments OPA1637 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Time (1 Ps/div)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D044
VOUT
VOUT
Figure 6-31. Large-Signal Step Response
Time (5 Ps /div)
0.9
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
1.1
D054
VVOCM
(VOUT
VOUT )/2
Figure 6-32. Output Common-Mode Step
Response, Rising
Time (5 Ps / div)
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
D055
VVOCM
(VOUT
VOUT )/2
Figure 6-33. Output Common-Mode Step
Response, Falling
Time (500 ns/div)
D043
VIN
VOUT
VOUT
Figure 6-34. Small-Signal Step Response, Falling
Time (500 ns/div)
D042
VIN
VOUT
VOUT
Figure 6-35. Small-Signal Step Response, Rising
Time (250 ns/div)
Input
Transition
+0.01
Settling
Threshold
0.01%
Settling
Threshold
D046
Figure 6-36. Output Settling Time to ±0.01%
www.ti.com
OPA1637
SBOSA00B – DECEMBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA1637



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com