Electronic Components Datasheet Search
  English  ▼

X  

OPA1637 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA1637
Description  OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown™ Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1637 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA1637 Datasheet HTML 6Page - Texas Instruments OPA1637 Datasheet HTML 7Page - Texas Instruments OPA1637 Datasheet HTML 8Page - Texas Instruments OPA1637 Datasheet HTML 9Page - Texas Instruments OPA1637 Datasheet HTML 10Page - Texas Instruments OPA1637 Datasheet HTML 11Page - Texas Instruments OPA1637 Datasheet HTML 12Page - Texas Instruments OPA1637 Datasheet HTML 13Page - Texas Instruments OPA1637 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Input Offset Voltage (PV)
0
5
10
15
-200
-150
-100
-50
0
50
100
150
200
D001
VS = ±1.5 V
Figure 6-13. Input Offset Voltage Histogram
Input Offset Voltage (PV)
0
5
10
15
-200
-150
-100
-50
0
50
100
150
200
D061
VS = ±18 V
Figure 6-14. Input Offset Voltage Histogram
Offset Voltage Drift (PV/qC)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
5
10
15
20
25
0
-1
-0.8
-0.6
-0.4
-0.2
0.2
0.4
0.6
0.8
1
D002
VS = ±15 V
Figure 6-15. Input Offset Voltage Drift Histogram
Common-Mode Input Offset Voltage (mV)
0
5
10
15
20
-6
-4
-2
0
2
4
6
D006
VS = ±18 V, VOCM = floating
Figure 6-16. Output Common Mode Voltage Offset
Common-Mode Input Offset Voltage (mV)
0
5
10
15
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
D007
VS = ±18 V, VOCM = 0 V
Figure 6-17. Output Common Mode Voltage Offset
Supply Voltage (V)
3
6
9
12
15
18
21
24
27
30
33
36
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D045
-40oC
25oC
85oC
125oC
Figure 6-18. Quiescent Current vs Supply Voltage
OPA1637
SBOSA00B – DECEMBER 2019 – REVISED AUGUST 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA1637



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com