Electronic Components Datasheet Search
  English  ▼

X  

OPA1637 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA1637
Description  OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown™ Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1637 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA1637 Datasheet HTML 17Page - Texas Instruments OPA1637 Datasheet HTML 18Page - Texas Instruments OPA1637 Datasheet HTML 19Page - Texas Instruments OPA1637 Datasheet HTML 20Page - Texas Instruments OPA1637 Datasheet HTML 21Page - Texas Instruments OPA1637 Datasheet HTML 22Page - Texas Instruments OPA1637 Datasheet HTML 23Page - Texas Instruments OPA1637 Datasheet HTML 24Page - Texas Instruments OPA1637 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
9.1.4 Noise Performance
The first step in the output noise analysis is to reduce the application circuit to the simplest form with equal
feedback and gain setting elements to ground. Figure 9-4 shows the simplest analysis circuit with the FDA and
resistor noise terms to be considered.
+
±
In+
2
In±
2
eno
2
RF
RG
RF
RG
enRg
2
enRf
2
enRg
2
enRf
2
eni
2
Figure 9-4. FDA Noise Analysis Circuit
The noise powers are shown in Figure 9-4 for each term. When the RF and RG (or RI) terms are matched on
each side, the total differential output noise is the root sum squared (RSS) of these separate terms. Using NG ≡
1 + RF / RG, the total output noise is given by Equation 3. Each resistor noise term is a 4kT × R power (4kT =
1.6E-20 J at 290 K).
2
2
o
ni
N
F
F
e
e NG
2 i R
2 4kTR NG
(3)
The first term is simply the differential input spot noise times the noise gain. The second term is the input current
noise terms times the feedback resistor (and because there are two uncorrelated current noise terms, the power
is two times one of them). The last term is the output noise resulting from both the RF and RG resistors, at again,
twice the value for the output noise power of each side added together. Running a wide sweep of gains when
holding RF to 2 kΩ gives the standard values and resulting noise listed in Table 9-1. When the gain increases,
the input-referred noise approaches only the gain of the FDA input voltage noise term at 3.7 nV/√ Hz.
Table 9-1. Swept Gain of the Output- and Input-Referred Spot Noise Calculations
GAIN (V/V)
RF (Ω)
RG1 (Ω)
AV
EO (nV/√ Hz)
EI (nV/√ Hz)
0.1
2000
20000
0.1
9.4
93.9
1
2000
2000
1
13.6
13.6
2
2000
1000
2
17.8
8.9
5
2000
402
4.98
29.5
5.9
10
2000
200
10
48.6
4.9
www.ti.com
OPA1637
SBOSA00B – DECEMBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA1637



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com