Electronic Components Datasheet Search
  English  ▼

X  

OPA1637 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA1637
Description  OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown™ Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1637 Datasheet(HTML) 2 Page - Texas Instruments

  OPA1637 Datasheet HTML 1Page - Texas Instruments OPA1637 Datasheet HTML 2Page - Texas Instruments OPA1637 Datasheet HTML 3Page - Texas Instruments OPA1637 Datasheet HTML 4Page - Texas Instruments OPA1637 Datasheet HTML 5Page - Texas Instruments OPA1637 Datasheet HTML 6Page - Texas Instruments OPA1637 Datasheet HTML 7Page - Texas Instruments OPA1637 Datasheet HTML 8Page - Texas Instruments OPA1637 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Typical Characteristics................................................ 8
7 Parameter Measurement Information.......................... 15
7.1 Characterization Configuration................................. 15
8 Detailed Description......................................................16
8.1 Overview................................................................... 16
8.2 Functional Block Diagram......................................... 16
8.3 Feature Description...................................................17
8.4 Device Functional Modes..........................................17
9 Application and Implementation.................................. 18
9.1 Application Information............................................. 18
9.2 Typical Applications.................................................. 22
10 Power Supply Recommendations..............................27
11 Layout........................................................................... 27
11.1 Layout Guidelines................................................... 27
11.2 Layout Example...................................................... 27
12 Device and Documentation Support..........................28
12.1 Device Support....................................................... 28
12.2 Documentation Support.......................................... 28
12.3 Receiving Notification of Documentation Updates..28
12.4 Support Resources................................................. 28
12.5 Trademarks.............................................................28
12.6 Electrostatic Discharge Caution..............................28
12.7 Glossary..................................................................28
13 Mechanical, Packaging, and Orderable
Information.................................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (May 2020) to Revision B (August 2020)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Changed front page application diagram to show correct label and value for RF1 ............................................ 1
• Changed Figure 7-1 to show correct labels...................................................................................................... 15
• Changed Figure 9-5 to show correct label and value for RF1 .......................................................................... 22
• Changed Figure 9-8 negative rail from 0 V to –5 V.......................................................................................... 24
Changes from Revision * (December 2019) to Revision A (May 2020)
Page
• Changed device status from advanced information (preview) to production data (active) ................................ 1
OPA1637
SBOSA00B – DECEMBER 2019 – REVISED AUGUST 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA1637



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com