Electronic Components Datasheet Search
  English  ▼

X  

OPA1637 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA1637
Description  OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown™ Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1637 Datasheet(HTML) 1 Page - Texas Instruments

  OPA1637 Datasheet HTML 1Page - Texas Instruments OPA1637 Datasheet HTML 2Page - Texas Instruments OPA1637 Datasheet HTML 3Page - Texas Instruments OPA1637 Datasheet HTML 4Page - Texas Instruments OPA1637 Datasheet HTML 5Page - Texas Instruments OPA1637 Datasheet HTML 6Page - Texas Instruments OPA1637 Datasheet HTML 7Page - Texas Instruments OPA1637 Datasheet HTML 8Page - Texas Instruments OPA1637 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown™ Audio
Operational Amplifier
1 Features
• Low input voltage noise: 3.7 nV/√Hz at 1 kHz
• Low THD + N: –120 dB at 1 kHz
• Low supply current: 950 µA at ±18 V
• Input offset voltage: ±200 µV (maximum)
• Input bias current: 2 nA (maximum)
• Low bias current noise: 400 fA/√Hz at 10 Hz
• Gain-bandwidth product: 9.2 MHz
• Differential output slew rate: 15 V/µs
• Wide input and output common-mode range
• Wide single-supply operating range: 3 V to 36 V
• Low supply current power-down feature: < 20 µA
• Overload power limit
• Current limit
• Package: 8-pin VSSOP
• Temperature range: –40°C to +125°C
2 Applications
• Professional audio mixer or control surface
• Professional microphones and wireless systems
• Professional speaker systems
• Professional audio amplifier
• Soundbar
• Turntable
• Professional video camera
• Guitar and other instrument amplifier
• Data aquisition (DAQ)
3 Description
The OPA1637 is a low-noise, low total harmonic
distortion (THD), fully differential, Burr-Brown™ Audio
operational amplifier that easily filters and drives fully
differential, audio signal chains.
The OPA1637 also converts single-ended sources to
differential outputs required by high-fidelity analog-to-
digital converters (ADCs). Designed for exceptional
low noise and THD, the bipolar super-beta inputs yield
a very low noise figure at very-low quiescent current
and input bias current. This device is designed for
audio circuits where low power consumption is
required along with excellent signal-to-noise ratio
(SNR) and spurious-free dynamic range (SFDR).
The OPA1637 features high-voltage supply capability,
allowing for supply voltages up to ±18 V. This
capability allows high-voltage differential signal chains
to benefit from the improved headroom and dynamic
range without adding separate amplifiers for each
polarity of the differential signal. Very-low voltage and
current noise enables the OPA1637 for use in high-
gain configurations with minimal impact to the audio
signal noise.
The OPA1637 is characterized for operation over the
wide temperature range of –40°C to +125°C, and is
available in an 8-pin VSSOP package.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA1637
VSSOP (8)
3.00 mm × 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the datasheet.
+
±
5 V
+
±
OPA1637
PD
RISO1
75
RISO2
75
RF1
1 k
CF1
3.3 nF
CF2
3.3 nF
RF2
1 k
CDF
10 nF
ADC
C2
1 µF
C3
1 µF
5 V
±10 V
C5
1 µF
PCM1795
Audio DAC
TPA3251
Class D
Amplifier
± 3.5 V
±10 V 5 V
GND
GND
IOUTL/R+
IOUTL/R±
INPUT_A
INPUT_B
RI2
49
RI1
49
Low-Noise, Low-Power, Fully-Differential Amplifier
Gain Block and Interface
Frequency (Hz)
1
2
3
5
7
10
20
30
50
70
100
100m
1
10
100
1k
10k
100k
D022
Low Input Voltage Noise
www.ti.com
OPA1637
SBOSA00B – DECEMBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: OPA1637
OPA1637
SBOSA00B – DECEMBER 2019 – REVISED AUGUST 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA1637

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1637 TI1-OPA1637 Datasheet
457Kb / 19P
OPA1637 High-Performance, High-Voltage, Low-Noise Burr-Brown Audio Fully-Differential Amplifier
OPA1637 TI1-OPA1637 Datasheet
1Mb / 34P
OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown??Audio Operational Amplifier
OPA1637DGKR TI1-OPA1637DGKR Datasheet
1Mb / 34P
OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown??Audio Operational Amplifier
OPA1637DGKT TI1-OPA1637DGKT Datasheet
1Mb / 34P
OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown??Audio Operational Amplifier
OPA1637 TI1-OPA1637_V01 Datasheet
1Mb / 34P
OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown??Audio Operational Amplifier
More results

Similar Description - OPA1637

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
Dual High Fidelity Audio Operational Amplifier
LME49722 NSC-LME49722 Datasheet
417Kb / 14P
Low Noise, High Performance, High Fidelity Dual Audio Operational Amplifier
LME49724 NSC-LME49724 Datasheet
699Kb / 24P
High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
logo
Texas Instruments
OPA1632 TI1-OPA1632 Datasheet
1Mb / 30P
High-Performance, Fully-Differential Audio Operational Amplifier
LME49724 TI1-LME49724 Datasheet
1Mb / 30P
High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
OPA1637 TI1-OPA1637 Datasheet
457Kb / 19P
OPA1637 High-Performance, High-Voltage, Low-Noise Burr-Brown Audio Fully-Differential Amplifier
OPA1637 TI1-OPA1637_V01 Datasheet
1Mb / 34P
OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown??Audio Operational Amplifier
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1655 TI-OPA1655_V01 Datasheet
3Mb / 42P
OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com