Electronic Components Datasheet Search
  English  ▼

X  

OPA1637 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA1637
Description  OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown™ Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1637 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA1637 Datasheet HTML 7Page - Texas Instruments OPA1637 Datasheet HTML 8Page - Texas Instruments OPA1637 Datasheet HTML 9Page - Texas Instruments OPA1637 Datasheet HTML 10Page - Texas Instruments OPA1637 Datasheet HTML 11Page - Texas Instruments OPA1637 Datasheet HTML 12Page - Texas Instruments OPA1637 Datasheet HTML 13Page - Texas Instruments OPA1637 Datasheet HTML 14Page - Texas Instruments OPA1637 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Temperature (oC)
-50
-25
0
25
50
75
100
125
150
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
D065
VS = r18 V
VS = r1.5 V
Figure 6-19. Quiescent Current vs Temperature
VS+ Delta from Power Down (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D053
Vs = r1.5 V
Vs = r18 V
Figure 6-20. Quiescent Current vs Power-Down
Delta from Supply Voltage
Input Common-Mode Voltage (V)
-18
-14
-10
-6
-2
2
6
10
14
18
-250
-200
-150
-100
-50
0
50
100
150
200
250
17 V
17 V
D023
55oC
40oC
25oC
85oC
125oC
150oC
Figure 6-21. Input Offset Voltage vs Input
Common-Mode Voltage
Input Common-Mode Voltage (V)
-18
-14
-10
-6
-2
2
6
10
14
18
-500
-400
-300
-200
-100
0
100
200
300
400
500
D025
IB
IB+
IOS
Figure 6-22. Input Bias Current vs Input Common-
Mode Voltage
Supply Voltage (V)
3
6
9
12
15
18
21
24
27
30
33
36
-100
-50
0
50
100
150
200
250
300
350
400
450
500
D027
IB
IB+
IOS
Figure 6-23. Input Bias Current vs Supply Voltage
Output Current (mA)
0
5
10
15
20
25
30
35
40
20
22
24
26
28
30
D028
40qC
125qC
25qC
85qC
Figure 6-24. Output Voltage vs Output Current
www.ti.com
OPA1637
SBOSA00B – DECEMBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA1637



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com