Electronic Components Datasheet Search
  English  ▼

X  

OPA1637 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA1637
Description  OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown™ Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1637 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA1637 Datasheet HTML 2Page - Texas Instruments OPA1637 Datasheet HTML 3Page - Texas Instruments OPA1637 Datasheet HTML 4Page - Texas Instruments OPA1637 Datasheet HTML 5Page - Texas Instruments OPA1637 Datasheet HTML 6Page - Texas Instruments OPA1637 Datasheet HTML 7Page - Texas Instruments OPA1637 Datasheet HTML 8Page - Texas Instruments OPA1637 Datasheet HTML 9Page - Texas Instruments OPA1637 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6.5 Electrical Characteristics (continued)
at TA = 25°C, VS (dual supply) = ±1.5 V to ±18 V, VVOCM = 0 V, input common mode voltage (VICM) = 0 V, RF = 2
kΩ, V PD = VVS+, RL = 10 kΩ(1) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE
Common-mode voltage
TA = –40°C to +125°C
VVS– + 1
VVS+ – 1
V
CMRR
Common-mode rejection ratio
VVS– + 1 V ≤ VICM ≤ VVS+ – 1 V
140
VVS– + 1 V ≤ VICM ≤ VVS+ – 1 V, VS = ±18 V
126
140
dB
VVS– + 1 V ≤ VICM ≤ VVS+ – 1 V, VS = ±18 V
TA = –40°C to +125°C
120
INPUT IMPEDANCE
Input impedance differential
mode
VICM = 0 V
1 || 1
GΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = ±2.5 V, VVS– + 0.2 V < VO < VVS+ – 0.2 V
115
120
dB
VS = ±2.5 V, VVS– + 0.3 V < VO < VVS+ – 0.3 V,
TA = –40°C to +125°C
110
120
VS = ±15 V, VVS– + 0.6 V < VO < VVS+ – 0.6 V
115
120
VS = ±15 V, VVS– + 0.6 V < VO < VVS+ – 0.6 V,
TA = –40°C to +125°C
110
120
OUTPUT
Output voltage difference from
supply voltage
VS = ±2.5 V
±100
mV
VS = ±2.5 V, TA = –40°C to +125°C
±100
VS = ±18 V
±230
VS = ±18 V, TA = –40°C to +125°C
±270
ISC
Short-circuit current
±31
mA
CLOAD
Capacitive load drive
Differential capacitive load, no output Isolation
resistors, phase margin = 30°
50
pF
ZO
Open-loop output impedance
f = 100 kHz (differential)
14
Ω
OUTPUT COMMON-MODE VOLTAGE (VOCM) CONTROL
Input Voltage Range
VS = ±2.5 V
VVS– + 1
VVS+ – 1
VS = ±18 V
VVS– + 2
VVS+ – 2
Small-signal bandwidth from
VOCM pin
VVOCM= 100 mVPP
2
MHz
Large-signal bandwidth from
VOCM pin
VVOCM = 0.6 VPP
5.7
Slew rate from VOCM pin
VVOCM = 0.5-V step, rising
3.5
V/µs
VVOCM = 0.5-V step, falling
5.5
DC output balance
VVOCM fixed midsupply (VO = ±1 V)
78
dB
VOCM input impedance
2.5 || 1
MΩ || pF
VOCM offset from mid-supply
VOCM pin floating
2
mV
VOCM common-mode offset
voltage
VVOCM = VICM, VO = 0 V
±1
±6
mV
VVOCM = VICM, VO = 0 V, TA = –40°C to +125°C
±10
VOCM common-mode offset
voltage drift
VVOCM = VICM, VO = 0 V, TA = –40°C to +125°C
±20
±60
µV/°C
POWER SUPPLY
IQ
Quiescent operating current
0.95
1.2
mA
TA = –40°C to +125°C
1.6
OPA1637
SBOSA00B – DECEMBER 2019 – REVISED AUGUST 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA1637



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com