Electronic Components Datasheet Search
  English  ▼

X  

OPA1637 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA1637
Description  OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown™ Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1637 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA1637 Datasheet HTML 8Page - Texas Instruments OPA1637 Datasheet HTML 9Page - Texas Instruments OPA1637 Datasheet HTML 10Page - Texas Instruments OPA1637 Datasheet HTML 11Page - Texas Instruments OPA1637 Datasheet HTML 12Page - Texas Instruments OPA1637 Datasheet HTML 13Page - Texas Instruments OPA1637 Datasheet HTML 14Page - Texas Instruments OPA1637 Datasheet HTML 15Page - Texas Instruments OPA1637 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Output Current (mA)
-40
-35
-30
-25
-20
-15
-10
-5
0
-30
-28
-26
-24
-22
-20
D029
40qC
125qC
25qC
85qC
Figure 6-25. Output Voltage vs Output Current
Output Voltage Delta from Supply Voltage, VS+/VS (V)
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
108
110
112
114
116
118
120
122
124
126
128
D049
25 qC
85 qC
125 qC
40 qC
Figure 6-26. Open-Loop Gain vs Ouput Delta From
Supply
Capacitive Load (pF)
20
40
60
80
100
120
140
160
180
0
2.5
5
7.5
10
12.5
15
17.5
20
D036
RISO = 0 :
RISO = 25 :
RISO = 50 :
AV = 1
Figure 6-27. Small-Signal Overshoot vs Capacitive
Load
Capacitive Load (pF)
0
50
100
150
200
250
300
350
400
0
5
10
15
20
D037
RISO = 0 :
RISO = 25 :
RISO = 50 :
AV = 10
Figure 6-28. Small-Signal Overshoot vs Capacitive
Load
Supply Voltage (V)
3
6
9
12
15
18
21
24
27
30
33
36
5
8
11
14
17
20
D041
Falling Edge
Rising Edge
Figure 6-29. Output Slew Rate vs Supply Voltage
Temperature (oC)
-25
-10
5
20
35
50
65
80
95
110
125
-50
-40
-30
-20
-10
0
10
20
30
40
50
D048
IOUT (sinking)
IOUT (sourcing)
IOUT (sourcing)
IOUT (sinking)
Figure 6-30. Short-Circuit Current vs Temperature
OPA1637
SBOSA00B – DECEMBER 2019 – REVISED AUGUST 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA1637



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com