Electronic Components Datasheet Search
  English  ▼

X  

OPA1637 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA1637
Description  OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown™ Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1637 Datasheet(HTML) 4 Page - Texas Instruments

  OPA1637 Datasheet HTML 1Page - Texas Instruments OPA1637 Datasheet HTML 2Page - Texas Instruments OPA1637 Datasheet HTML 3Page - Texas Instruments OPA1637 Datasheet HTML 4Page - Texas Instruments OPA1637 Datasheet HTML 5Page - Texas Instruments OPA1637 Datasheet HTML 6Page - Texas Instruments OPA1637 Datasheet HTML 7Page - Texas Instruments OPA1637 Datasheet HTML 8Page - Texas Instruments OPA1637 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage
Single supply
40
V
Dual supply
±20
V
IN+, IN–, Differential voltage(2)
±0.5
V
IN+, IN–, VOCM, PD, OUT+, OUT− voltage(3)
VVS– – 0.5
VVS+ + 0.5
V
IN+, IN− current
–10
10
mA
OUT+, OUT− current
–50
50
mA
Output short-circuit(4)
Continuous
TA
Operating Temperature
–40
150
°C
TJ
Junction Temperature
–40
175
°C
Tstg
Storage Temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
Input pins IN+ and IN– are connected with anti-parallel diodes in between the two terminals. Differential input signals that are greater
than 0.5 V or less than –0.5 V must be current-limited to 10 mA or less.
(3)
Input terminals are diode-clamped to the supply rails (VS+, VS–). Input signals that swing more than 0.5 V greater or less the supply
rails must be current-limited to 10 mA or less.
(4)
Short-circuit to VS / 2.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage
Single-supply
3
36
V
Dual-supply
±1.5
±18
TA
Specified temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
OPA1637
UNIT
DGK (VSSOP)
8 PINS
RθJA
Junction-to-ambient thermal resistance
181.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
68.3
°C/W
RθJB
Junction-to-board thermal resistance
102.8
°C/W
ψJT
Junction-to-top characterization parameter
10.6
°C/W
ψJB
Junction-to-board characterization parameter
101.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report.
OPA1637
SBOSA00B – DECEMBER 2019 – REVISED AUGUST 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA1637



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com