Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 15 Page - Texas Instruments

Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210 Datasheet(HTML) 15 Page - Texas Instruments

Back Button THP210 Datasheet HTML 11Page - Texas Instruments THP210 Datasheet HTML 12Page - Texas Instruments THP210 Datasheet HTML 13Page - Texas Instruments THP210 Datasheet HTML 14Page - Texas Instruments THP210 Datasheet HTML 15Page - Texas Instruments THP210 Datasheet HTML 16Page - Texas Instruments THP210 Datasheet HTML 17Page - Texas Instruments THP210 Datasheet HTML 18Page - Texas Instruments THP210 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
7 Parameter Measurement Information
7.1 Characterization Configuration
The THP210 is a fully differential amplifier (FDA) configuration that offers high dc precision, very low noise
and harmonic distortion in a single, low-power amplifier. The FDA is a flexible device where the main aim is to
provide a purely differential output signal centered on a user-configurable, common-mode voltage that is usually
matched to the input common-mode voltage required by an analog-to-digital converter (ADC). The circuit used
for characterization of the differential-to-differential performance is seen in Figure 7-1
+
±
VVS+
+
±
THP210
RF
2 k
RF
2 k
CL
DNP
VVOCM
RI
2 k
RI
2 k
VVS± VPD
VOUT+
VOUT±
RL
10 k
VOUT
+
±
VIN±
VINDIFF / 2
VIN+
All voltages except VIN and VOUT are
referenced to ground.
+
+
VCM
VINDIFF / 2
Figure 7-1. Differential Source to a Differential Gain of a 1-V/V Test Circuit
A similar circuit is used for single-ended to differential measurements, as shown in Figure 7-2.
+
±
VVS+
+
±
THP210
RF
2 k
RF
2 k
CL
DNP
VVOCM
RI
2 k
RI
2 k
VVS± VPD
VOUT+
VOUT±
RL
10 k
VOUT
+
±
VIN±
VIN
VIN+
All voltages except VOUT are
referenced to ground.
Figure 7-2. Single-ended Source to Differential Gain of 1-V/V Test Circuit
The characterization plots fix the RF (RF1 = RF2) value at 2 kΩ, unless otherwise noted. This value can be
adjusted to match the system design parameters with the following considerations in mind:
• The current required to drive RF from the peak output voltage to the input common-mode voltage add to the
overall output load current. If the total current (current through RF + current through RL) exceeds the current
limit conditions, the device enters a current limit, causing the output voltage to collapse.
• High feedback resistor values (RF > 100 kΩ) interact with the amplifier input capacitance to create a zero in
the feedback network. Compensation must be added to account for potential source of instability; see the TI
Precision Labs FDA Stability Training for guidance on designing an appropriate compensation network.
www.ti.com
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com