Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 5 Page - Texas Instruments

Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210 Datasheet(HTML) 5 Page - Texas Instruments

  THP210 Datasheet HTML 1Page - Texas Instruments THP210 Datasheet HTML 2Page - Texas Instruments THP210 Datasheet HTML 3Page - Texas Instruments THP210 Datasheet HTML 4Page - Texas Instruments THP210 Datasheet HTML 5Page - Texas Instruments THP210 Datasheet HTML 6Page - Texas Instruments THP210 Datasheet HTML 7Page - Texas Instruments THP210 Datasheet HTML 8Page - Texas Instruments THP210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
THP210
UNIT
D (SOIC)
DGK (VSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
129.1
181.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
69.4
68.3
°C/W
RθJB
Junction-to-board thermal resistance
72.5
102.8
°C/W
ψJT
Junction-to-top characterization parameter
20.7
10.6
°C/W
ψJB
Junction-to-board characterization parameter
71.8
101.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
at TA = 25°C, VS (dual supply) = ±1.5 V to ±18 V, VVOCM = VICM = 0 V, RF = 2 kΩ, RL = 10 kΩ(1) , gain = –1 V/V, VPD = VVS+,
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VIO
Input-referred offset voltage
10
±40
µV
TA = –40°C to +125°C
±75
Input offset voltage drift
TA = –40°C to +125°C
0.1
±0.35
µV/°C
PSRR
Power-supply rejection ratio
±0.025
±0.25
µV/V
TA = –40°C to +125°C
±0.5
INPUT BIAS CURRENT
IB
Input bias current
±0.2
±2
nA
TA = –40°C to +125°C
±4
Input bias current drift
TA = –40°C to +125°C
±2
±15
pA/°C
IOS
Input offset current
±0.2
±1
nA
TA = –40°C to +125°C
±3
Input offset current drift
TA = –40°C to +125°C
1
±10
pA/°C
NOISE
en
Input differential voltage noise
f = 1 kHz
3.7
nV/√Hz
f = 10 Hz
4
f = 0.1 to 10 Hz
0.1
µVPP
ei
Input current noise, each input
f = 1 kHz
300
fA/√Hz
f = 10 Hz
400
f = 0.1 to 10 Hz
13.4
pAPP
INPUT VOLTAGE
Common-mode voltage range
TA = –40°C to +125°C
VVS– + 1
VVS+ – 1
V
CMRR
Common-mode rejection ratio
VVS– + 1 V ≤ VICM ≤ VVS+ – 1 V
140
dB
VVS– + 1 V ≤ VICM ≤ VVS+ – 1 V, VS = ±18 V
126
140
VVS– + 1 V ≤ VICM ≤ VVS+ – 1 V, VS = ±18 V, TA
= –40°C to +125°C
120
INPUT IMPEDANCE
Input impedance differential
mode
VICM = 0 V
1 || 1
GΩ || pF
www.ti.com
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com