Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 11 Page - Texas Instruments

Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THP210 Datasheet HTML 7Page - Texas Instruments THP210 Datasheet HTML 8Page - Texas Instruments THP210 Datasheet HTML 9Page - Texas Instruments THP210 Datasheet HTML 10Page - Texas Instruments THP210 Datasheet HTML 11Page - Texas Instruments THP210 Datasheet HTML 12Page - Texas Instruments THP210 Datasheet HTML 13Page - Texas Instruments THP210 Datasheet HTML 14Page - Texas Instruments THP210 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
6.6 Typical Characteristics (continued)
at VVS = ±15 V, TA = 25°C, VVOCM = VVICM = 0 V, RF = 2 kΩ, RL = 10 kΩ, gain = –1 V/V, and VPD = VVS+ (unless otherwise
noted)
Frequency (Hz)
2
3
5
10
20
30
50
100
200
300
500
1000
2000
1
10
100
1k
10k
100k
1M
10M
VS = ±15 V
Figure 6-19. Output Impedance vs Frequency
Supply Voltage (V)
3
6
9
12
15
18
21
24
27
30
33
36
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D045
-40oC
25oC
85oC
125oC
Figure 6-20. Quiescent Current vs Supply Voltage
Temperature (oC)
-50
-25
0
25
50
75
100
125
150
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
D065
VS = r18 V
VS = r1.5 V
Figure 6-21. Quiescent Current vs Temperature
VS+ Delta from Power Down (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D053
Vs = r1.5 V
Vs = r18 V
Figure 6-22. Quiescent Current vs Power-Down Delta
From Supply Voltage
Input Common-Mode Voltage (V)
-18
-14
-10
-6
-2
2
6
10
14
18
-250
-200
-150
-100
-50
0
50
100
150
200
250
17 V
17 V
D023
55oC
40oC
25oC
85oC
125oC
150oC
Figure 6-23. Input Offset Voltage vs
Input Common-Mode Voltage
Output Current (mA)
0
5
10
15
20
25
30
35
40
20
22
24
26
28
30
D028
40qC
125qC
25qC
85qC
Figure 6-24. Output Voltage vs Output Current
www.ti.com
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com