Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 16 Page - Texas Instruments

Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THP210 Datasheet HTML 12Page - Texas Instruments THP210 Datasheet HTML 13Page - Texas Instruments THP210 Datasheet HTML 14Page - Texas Instruments THP210 Datasheet HTML 15Page - Texas Instruments THP210 Datasheet HTML 16Page - Texas Instruments THP210 Datasheet HTML 17Page - Texas Instruments THP210 Datasheet HTML 18Page - Texas Instruments THP210 Datasheet HTML 19Page - Texas Instruments THP210 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
8 Detailed Description
8.1 Overview
The THP210 is a low-noise, low-distortion fully-differential amplifier (FDA) that features Texas Instrument's
super-beta bipolar input devices. Super-beta input devices feature very low input bias current as compared to
standard bipolar technology. The low input bias current and current noise makes the THP210 an excellent choice
for high-performance applications that require low-noise, differential-signal processing without significant current
consumption. This device is also designed for analog-to-digital input circuits that require low offset and low noise
in a single fully-differential amplifier. The THP210 features high-voltage capability, which allows the device to
be used in ±15-V supply circuits without any additional voltage clamping or regulators. Because this device is
unity-gain stable, the device allows high-voltage input signals to be attenuated to the low-voltage ADC domain
without requiring additional compensation techniques.
8.2 Functional Block Diagram
VS+
IN±
+
±
Low Noise
Differential I/O
Amplifier
IN+
5 M
OUT+
OUT±
+
±
+
±
VCM
Error
Amplifier
VOCM
VS+
5 M
PD
VS±
VS±
1 µA
8.3 Feature Description
8.3.1 Super-Beta Input Bipolar Transistors
The THP210 is designed on a modern bipolar process that features TI's super-beta input transistors. Traditional
bipolar transistors feature excellent voltage noise and offset drift, but suffer a tradeoff in high input bias current
(IB) and high input bias current noise. Super-beta transistors offer the benefits of low voltage noise and low
offset drift with an order of magnitude reduction in input bias current and reduction in input bias current noise.
For many filter circuits, input bias current noise can dominate in circuits where higher resistance input resistors
are used. The THP210 enables a fully-differential, low-noise amplifier design without restrictions of low input
resistance at a power level unmatched by traditional single-ended amplifiers.
8.3.2 Power Down
The THP210 features a power-down circuit to disable the amplifier when a low-power mode is required by the
system. In the power-down state, the amplifier outputs are in a high-impedance state, and the amplifier total
quiescent current is reduced to less than 20 µA.
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com