Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 27 Page - Texas Instruments

Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THP210 Datasheet HTML 23Page - Texas Instruments THP210 Datasheet HTML 24Page - Texas Instruments THP210 Datasheet HTML 25Page - Texas Instruments THP210 Datasheet HTML 26Page - Texas Instruments THP210 Datasheet HTML 27Page - Texas Instruments THP210 Datasheet HTML 28Page - Texas Instruments THP210 Datasheet HTML 29Page - Texas Instruments THP210 Datasheet HTML 30Page - Texas Instruments THP210 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
9.2 Typical Applications
9.2.1 MFB Filter
A common application use case for fully-differential amplifiers is to easily convert a single-ended signal into a
differential signal to drive a differential input source, such as an ADC or class D amplifier. Figure 9-12 shows
an example of the THP210 used to convert a single-ended, low-voltage signal source, such as a small electric
microphone, and deliver a low-noise differential signal that is common-mode shifted to the center of the ADC
input range. A multiple-feedback (MFB) configuration is used to provide a Butterworth filter response, giving a
40
‑dB/decade cutoff with a –3-dB frequency of 30 kHz.
RG1
604
RG2
604
VOCM
+
±
+5
+
±
VS+
FDA
PD
0
RO1
20
RO2
20
RF1
3.65 k
CF1
1 nF
RI1
732
RI2
732
CF2
1 nF
RF2
3.65 k
6.2 nF
VIN
RA1
100
RA2
100
CA2
1 nF
CA3
47 pF
CA1
47 pF
ADC
Figure 9-10. Example 30-kHz Butterworth Filter
9.2.1.1 Design Requirements
The requirements for this application are:
• Single-ended to differential conversion
• 5-V/V gain
• Active filter set to a Butterworth, 30-kHz response shape
• Output RC elements set by SAR input requirements (not part of the filter design)
• Filter element resistors and capacitors are set to limit added noise over the THP210
9.2.1.2 Detailed Design Procedure
The design proceeds using the techniques and tools suggested in the Design Methodology for MFB Filters in
ADC Interface Applications application note. The process includes:
• Scale the resistor values to not meaningfully contribute to the output noise produced by the THP210.
• Select the RC ratios to hit the filter targets when reducing the noise gain peaking within the filter design.
• Set the output resistor to 10 Ω into a 1-nF differential capacitor.
• Add 47-pF common-mode capacitors to the load capacitor to improve common noise filtering.
• Inside the loop, add 20-Ω output resistors after the filter feedback capacitor to increase the isolation to the
load capacitor.
www.ti.com
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com