Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 31 Page - Texas Instruments

Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210 Datasheet(HTML) 31 Page - Texas Instruments

Back Button THP210 Datasheet HTML 27Page - Texas Instruments THP210 Datasheet HTML 28Page - Texas Instruments THP210 Datasheet HTML 29Page - Texas Instruments THP210 Datasheet HTML 30Page - Texas Instruments THP210 Datasheet HTML 31Page - Texas Instruments THP210 Datasheet HTML 32Page - Texas Instruments THP210 Datasheet HTML 33Page - Texas Instruments THP210 Datasheet HTML 34Page - Texas Instruments THP210 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
9.2.3 Attenuation Configuration Drives the ADS8912B
Many applications require to level-shift high-voltage input signals down to the lower-voltage ADC domain. Figure
9-16 shows an example of the THP210 used to attenuate a ±10-V differential signal to drive a differential SAR
ADC with full-scale range of ±4.5V. The common-mode voltage is shifted to the center of the ADC input range.
A multiple-feedback (MFB) configuration as described in Section 9.2.1 is used to provide a Butterworth filter
response, giving a 40-dB/decade roll-off with a –3-dB frequency of 100 kHz. The THP210 is powered with a 5-V
supply and a –0.232-V negative supply generated by the low-noise negative bias generator (LM7705) allowing
additional headroom for output swing to GND with ultra-low distortion. Alternatively, the THP210 can be powered
using a unipolar 5-V supply with good distortion performance.
The circuit is able to drive the ADS8912B 18-Bit SAR ADC at full throughput of 500-kSPS.
Fs= 500 kSPS
VOCM = 2.25 V
R1 = 2.1NŸ
R2 = 909Ÿ
R3 = 2.1NŸ
R6 = 909Ÿ
-
+ +
+
-
C4 = 470p
C3 = 470pF
C1 = 1.1nF
R4 = 2.74NŸ
R5 = 2.74NŸ
R8 = 100Ÿ
R7 = 100Ÿ
C2 = 1uF
C5 = 1nF
C6 = 1nF
THP210
í VID/2
+VCM
COG Ceramic Capacitors
0.1% Resistors
+
±
VS+
+5 V
+
±
VSí
í 0.232 V
+ VID/2
+
+
+
±
VS+
VSí
AINN
AINP
ADS8912B
VREF = 4.5 V
+VS
Copyright © 2017, Texas Instruments Incorporated
Figure 9-16. Driving ADS8912B in Attenuation Configuration of 0.4333 V/V
9.2.3.1 Design Requirements
The requirements for this application are:
• Differential to differential conversion
• Second order Butterworth filter with corner frequency of 100 kHz, offering flat frequency response
• Circuit accepts fully differential input signal of Vdiff = ± 10 V
• Circuit Attenuation is set to 0.433 V/V (–7.273 dB)
• Full-scale range of ADC of FSR = ±4.5 V
• Filter elements set to limit added noise over THP210 while maintaining circuit stability
• Output RC elements set by SAR input requirements
For a detailed design procedure, see Section 9.2.1.2.
www.ti.com
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com