Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 18 Page - Texas Instruments

Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210 Datasheet(HTML) 18 Page - Texas Instruments

Back Button THP210 Datasheet HTML 14Page - Texas Instruments THP210 Datasheet HTML 15Page - Texas Instruments THP210 Datasheet HTML 16Page - Texas Instruments THP210 Datasheet HTML 17Page - Texas Instruments THP210 Datasheet HTML 18Page - Texas Instruments THP210 Datasheet HTML 19Page - Texas Instruments THP210 Datasheet HTML 20Page - Texas Instruments THP210 Datasheet HTML 21Page - Texas Instruments THP210 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
8.3.5 Unity Gain Stability
The stability of the amplifiers is of key importance when designing application circuits with fully differential
amplifiers. This stability becomes especially important when driving capacitive loads, such as the input for
successive-approximation-register (SAR) analog-to-digital converters (ADCs). A trade-off is made between the
bandwidth of an amplifier and keeping power consumption low; in many cases, FDAs are not unity gain
stable. Currently, many FDAs are primarily designed to support high-speed ADCs, and thus, are typically
decompensated. This decompensation comes with the drawback that the noise performance degrades because
of noise gain peaking. Additional components and compensation techniques are required to handle these
challenges and prevent potential instability of the FDA. For detailed analysis of how stability is defined and
affected, see TI Precision Labs – Fully Differential Amplifiers – FDA Stability and Simulating Phase Margin.
The THP210 is unity-gain stable; therefore, this device can be used in gain configurations with gains > 1, and
also in attenuating configurations with gains < 1, without requiring compensation techniques and sacrificing
dynamic performance. This device can be of prime use for applications that need to interface large input signals
to the low-voltage ADC domain.
8.4 Device Functional Modes
The THP210 has two functional modes: normal operation and power-down. The power-down state is enabled
when the voltage on the power-down pin is lowered to less than the power-down threshold. In the power-down
state, the quiescent current is significantly reduced, and the output voltage is high-impedance. This high
impedance can lead to the input voltages (VIN+ and VIN–) separating.
Internal ESD protection diodes remain present across the input pins in both operating and power-down mode.
Large input signals during disable can forward-biasing the ESD protection diodes, thus producing a load current
in the supply, even in power-down. See Section 9.1.5 for guidance on power-down operation.
The VOCM control pin sets the output average voltage. If left open, VOCM defaults to an internal midsupply
value. Driving this high-impedance input with a voltage reference within the valid range sets a target for the
internal VCM error amplifier. If floated to obtain a default midsupply reference for VOCM, an external decoupling
capacitor must be added on the VOCM pin to reduce the otherwise high output noise for the internal high-
impedance bias.
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com