Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 30 Page - Texas Instruments

Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210 Datasheet(HTML) 30 Page - Texas Instruments

Back Button THP210 Datasheet HTML 26Page - Texas Instruments THP210 Datasheet HTML 27Page - Texas Instruments THP210 Datasheet HTML 28Page - Texas Instruments THP210 Datasheet HTML 29Page - Texas Instruments THP210 Datasheet HTML 30Page - Texas Instruments THP210 Datasheet HTML 31Page - Texas Instruments THP210 Datasheet HTML 32Page - Texas Instruments THP210 Datasheet HTML 33Page - Texas Instruments THP210 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
9.2.2.1.1 Measurement Results
The THP210 and the filter combination listed in Section 9.2.2.1 allow for the best trade-off between harmonic
distortion and maintaining stability of the FDA. Table 9-1 and Figure 9-13 through Figure 9-15 showcase the
device performance.
Table 9-1. THP210 + ADS891x: FFT Data Summary
ADC VERSION
ADC SPECIFICATION
SAMPLING RATE
SNR
THD(1)
SINAD
ADS8910B
1-MSPS max, 18 bit
800 kSPS
100.37 dB
–118.4 dB
100.31 dB
ADS8912B
500 kSPS, 18 bit
500 kSPS
100.4 dB
–118.44 dB
100.33 dB
ADS8914B
250 kSPS, 18 bit
250 kSPS
100.37 dB
–118.72 dB
100.33 dB
(1)
THD can further be improved by providing a bipolar power supply for more headroom for the negative voltage swing. In the given
circuit, a negative supply of VS– = 0.23 V improved the THD to –120.5 dB.
Frequency (Hz)
0
100000
200000
300000
400000
-200
-175
-150
-125
-100
-75
-50
-25
0
fIN = 2 kHz, 100.37 dB SNR, –118.4 dB THD
Figure 9-13. Noise Performance FFT Plot:
THP210 + ADS8910B, 800 kSPS, 18-Bit
Frequency (Hz)
0
50000
100000
150000
200000
250000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
fIN = 2 kHz, 100.4 dB SNR, –118.44 dB THD
Figure 9-14. Noise Performance FFT Plot:
THP210 + ADS8912B, 500 kSPS, 18-Bit
Frequency (Hz)
0
25000
50000
75000
100000
125000
-200
-150
-100
-50
0
fIN = 2 kHz, 100.37 dB SNR, –118.72 dB THD
Figure 9-15. Noise Performance FFT Plot:
THP210 + ADS8914B, 250 kSPS, 18-Bit
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com