Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 20 Page - Texas Instruments

Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210 Datasheet(HTML) 20 Page - Texas Instruments

Back Button THP210 Datasheet HTML 16Page - Texas Instruments THP210 Datasheet HTML 17Page - Texas Instruments THP210 Datasheet HTML 18Page - Texas Instruments THP210 Datasheet HTML 19Page - Texas Instruments THP210 Datasheet HTML 20Page - Texas Instruments THP210 Datasheet HTML 21Page - Texas Instruments THP210 Datasheet HTML 22Page - Texas Instruments THP210 Datasheet HTML 23Page - Texas Instruments THP210 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
The THP210 super-beta input device features extremely-low input bias current, trimmed low input offset voltage,
and the lowest offset drift over the full temperature operating range. These features allow the device to produce
a negligible initial error band at 25°C, but also exceptional robust behavior over temperature. The red curve
in Figure 9-1 showcases a simulation of the total dc error voltage at 25°C versus different gain configurations
based on the application configuration shown in Figure 9-2.
Gain (V/V)
0
1
2
3
4
5
6
7
8
9
10
10x10-6
20x10-6
30x10-6
50x10-6
100x10-6
200x10-6
300x10-6
500x10-6
1x10-3
2x10-3
3x10-3
5x10-3
5x10-3
VERR(FDA2)
VERR(THP210)
Figure 9-1. TINA-TI™ Software Simulation of DC Error Voltage at Different Gain Settings (Variable R2)
+
±
V
VS+
+
±
THP210
C
L
DNP
V
VOCM
2.5 V
R
1
1 kŸ
R
3
1 kŸ
V
VS±
V
PD
R
L
10 kŸ
+
±
V
ICM
1.5 V
+
±
+
±
+
±
V
ID/2
100 mV
V
ID/2
100 mV
V
IO
I
Bí
I
B+
V
OD
V
INí
V
IN+
V
OUTí
V
OUT+
V
VS+
5 V
+
±
V
VSí
0 V
R
2
R
2
Figure 9-2. FDA DC Error Model
One use case at a differential input voltage of VID = 200 mV and a gain of 5 V/V (that corresponds to R2 = 5 kΩ)
reveals that the initial dc error of the THP210 is 4.5 µV. A comparable FDA2 with VIO = 200 µV,
IB = 650 nA, and IIO = 30 nA results in a 2.22-mV dc error voltage that results in a factor of approximately 500
higher dc error.
In addition, Figure 9-3 shows that the absolute dc accuracy of the THP210 nearly adds an error voltage on the
system. The dominant factors for the initial error band are mainly due to the feedback resistor mismatch that is
not considered in the simulation plot.
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com