Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 29 Page - Texas Instruments

Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210 Datasheet(HTML) 29 Page - Texas Instruments

Back Button THP210 Datasheet HTML 25Page - Texas Instruments THP210 Datasheet HTML 26Page - Texas Instruments THP210 Datasheet HTML 27Page - Texas Instruments THP210 Datasheet HTML 28Page - Texas Instruments THP210 Datasheet HTML 29Page - Texas Instruments THP210 Datasheet HTML 30Page - Texas Instruments THP210 Datasheet HTML 31Page - Texas Instruments THP210 Datasheet HTML 32Page - Texas Instruments THP210 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
9.2.2 ADS891x With Single-Ended RC Filter Stage
The application circuit in Figure 9-12 shows the schematic of a complete reference driver circuit that generates
a full-scale range of 4.5 V at the ADC using a unipolar supply voltage of 5 V. This circuit is used to measure the
driving capability of the THP210 with the different variants of the ADS891x ADC.
To test the complete dynamic range of the circuit, the common-mode voltage VOCM of the input of the ADC is
established at a value of VREF / 2. To exclude distortion caused by reference voltage VREF and common-mode
voltage VOCM of the ADC, the test circuit uses the low-noise OPA2625 in an inverting gain configuration for
VOCM, and the high-precision, low-noise REF5050 for VREF. See the ADS8910BEVM-PDK user's guide for more
details.
AINN
AINP
ADS891x
+
±
VOCM = 2.25 V
THP210
+VS
VOD
R1 = 1k (0.1%)
R2 = 1k (0.1%)
R3 = 1k (0.1%)
R5 = 100 (1%)
C5 = 1 nF
C6 = 1 nF
R5 = 100 (1%)
R4 = 1k (0.1%)
C4 = 100 pF
C2 = 100 pF
VID
+
VREF = 4.5 V
+
±
+VS
5 V
+VS
Circuit driving capability:
x
ADS8910B at 800 kSPS
x
ADS8912B at 500 kSPS
x
ADS8914B at 250 kSPS
Figure 9-12. Driving ADS891x With Single-Ended RC Filter Stage
9.2.2.1 Design Requirements
The requirements for this application are:
• Differential to differential conversion
• Unipolar supply voltage of 5 V
• Full-scale range of ADC of FSR = ±4.5 V
• Input signal amplitude of VREF –0.4 dB
• Driver configuration in unity-gain buffer configuration (1-V/V gain)
• Circuit bandwidth f(–3dB) = 935 kHz
• Output RC elements set by SAR input requirements
www.ti.com
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com