Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 25 Page - Texas Instruments

Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210 Datasheet(HTML) 25 Page - Texas Instruments

Back Button THP210 Datasheet HTML 21Page - Texas Instruments THP210 Datasheet HTML 22Page - Texas Instruments THP210 Datasheet HTML 23Page - Texas Instruments THP210 Datasheet HTML 24Page - Texas Instruments THP210 Datasheet HTML 25Page - Texas Instruments THP210 Datasheet HTML 26Page - Texas Instruments THP210 Datasheet HTML 27Page - Texas Instruments THP210 Datasheet HTML 28Page - Texas Instruments THP210 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
9.1.7 Driving Differential ADCs
The THP210 provides a differential output interface to drive a variety of modern, high-performance ADCs. The
following section describes the key elements that must be considered when designing a differential input driver
for SAR ADCs.
9.1.7.1 RC Filter Selection (Charge Kickback Filter)
The sample-and-hold operating behavior of SAR ADCs causes charge transients at the input stage, and thus to
the output stage of the amplifier. The RC filter helps to attenuate the sampling charge injection from the switched
capacitor input stage of the ADC. A careful design is critical to meet linearity and noise performance of the ADC.
Figure 9-8 and Figure 9-9 show a single-ended and differential filter approach, respectively.
AINN
AINP
ADC
R
F
R
F
C
F
C
F
V
OUT+
V
OUTí
V
OUT
Figure 9-8. Single-Ended Filter
AINN
AINP
R
F
R
F
C
F
V
OUT+
V
OUTí
V
OUT
ADC
Figure 9-9. Differential Filter
Choose the capacitor to be at least 10 times larger than the specified value of the SAR ADC sampling capacitor.
A trade-off must be considered for the isolation resistor, where a higher damping effect is achieved at higher
values, and lower value provide better THD at the input of the ADC. To select the best RC combination, use the
Analog Engineering Tool.
One important element to consider is that the small-signal bandwidth of the FDA (fSSBW_FDA) determines what
the cutoff frequency of the RC filter combination can be driven at the inputs of the ADC. Depending whether
a single-ended filter or a differential filter is used the minimum required small-signal bandwidth of the FDA
(fSSBW_FDA) can be estimated by Equation 4:
fSSBW_FDA>
1
ŒÂSELÂRFÂCF
(4)
where:
• SEL = 1 for single-ended filter, SEL = 2 for differential filter
Driving higher capacitive loads degrades the phase margin of the FDA, and causes instability issues. Best
practice is to perform a SPICE simulation using TINA-TI™ simulation software to confirm that the desired circuit
is stable; that is, the FDA has more than a 45° phase margin.
www.ti.com
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com