Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV6713
Description  TLV6703 Micropower, 18-V Comparator With Integrated Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 2 Page - Texas Instruments

  TLV6713 Datasheet HTML 1Page - Texas Instruments TLV6713 Datasheet HTML 2Page - Texas Instruments TLV6713 Datasheet HTML 3Page - Texas Instruments TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
TLV6703
SBOS865B – JANUARY 2018 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: TLV6703
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 2
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
Timing Requirements ................................................ 6
7.7
Switching Characteristics .......................................... 6
7.8
Typical Characteristics .............................................. 7
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram ......................................... 9
8.3
Feature Description................................................. 10
8.4
Device Functional Modes........................................ 10
9
Application and Implementation ........................ 11
9.1
Application Information............................................ 11
9.2
Typical Application .................................................. 13
9.3
Dos and Don'ts........................................................ 14
10
Power-Supply Recommendations ..................... 15
11
Layout................................................................... 15
11.1
Layout Guidelines ................................................. 15
11.2
Layout Example .................................................... 15
12
Device and Documentation Support ................. 16
12.1
Device Support...................................................... 16
12.2
Receiving Notification of Documentation Updates 16
12.3
Community Resources.......................................... 16
12.4
Trademarks ........................................................... 16
12.5
Electrostatic Discharge Caution ............................ 16
12.6
Glossary ................................................................ 16
13
Mechanical, Packaging, and Orderable
Information ........................................................... 16
4 Revision History
Changes from Revision A (April 2018) to Revision B
Page
•
Added WSON-6 package ....................................................................................................................................................... 1
Changes from Original (Jan 2018) to Revision A
Page
•
Changed Advance Information to Production Data ............................................................................................................... 1
5 Device Comparison Table
Table 1. TLV67xx Integrated Comparator Family
PART NUMBER
CONFIGURATION
OPERATING
VOLTAGE RANGE
THRESHOLD ACCURACY OVER
TEMPERATURE
TLV6700
Window
1.8 V to 18 V
1%
TLV6703
Non-Inverting Single Channel
1.8 V to 18 V
1%
TLV6710
Window
1.8 V to 36 V
0.75%
TLV6713
Non-Inverting Single Channel
1.8 V to 36 V
0.75%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com