Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV6713
Description  TLV6703 Micropower, 18-V Comparator With Integrated Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 1 Page - Texas Instruments

  TLV6713 Datasheet HTML 1Page - Texas Instruments TLV6713 Datasheet HTML 2Page - Texas Instruments TLV6713 Datasheet HTML 3Page - Texas Instruments TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
0.01 F
R1
R2
VPULLUP
Up to 18 V
VMON
RP
SENSE
GND
VDD
OUT
VIT
+
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV6703
SBOS865B – JANUARY 2018 – REVISED NOVEMBER 2019
TLV6703 Micropower, 18-V Comparator With Integrated Reference
1
1 Features
1
•
Wide supply voltage range: 1.8 V to 18 V
•
Adjustable threshold: down to 400 mV
•
High threshold accuracy:
–
0.5% Max at 25°C
–
1.0% Max over temperature
•
Low quiescent current: 5.5 µA (Typ)
•
Open-drain output
•
Internal hysteresis: 5.5 mV (Typ)
•
Temperature range: –40°C to +125°C
•
Package: thin SOT-23-6
•
WSON-6
2 Applications
•
Notebook PCs and tablets
•
Smartphones
•
Digital cameras
•
Video game controllers
•
Relays and circuit breakers
•
Portable medical devices
•
Door and window sensors
•
Portable- and battery-powered products
3 Description
The TLV6703 high voltage comparator operates over
a 1.8-V to 18-V range. The TLV6703 has a high-
accuracy
comparator
with
an
internal
400-mV
reference and an open-drain output rated to 18 V for
precision voltage detection. The monitored voltage
can be set with the use of external resistors.
The OUT pin is driven low when the voltage at the
SENSE pin drops below (VIT–), and goes high when
the voltage returns above the respective threshold
(VIT+). The comparator in the TLV6703 includes built-
in hysteresis for filtering to reject brief glitches,
thereby ensuring stable output operation without false
triggering.
The TLV6703 is available in a Thin SOT-23-6
package and a leadless WSON-6; all package
variants are specified over the junction temperature
range of –40°C to +125°C.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV6703
SOT-23 (6)
2.90 mm × 1.60 mm
WSON (6)
1.50 mm × 1.50 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Simplified Block Diagram


Similar Part No. - TLV6713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
Micropower, 36-V Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
1Mb / 24P
Micropower, 18V Window Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
365Kb / 21P
Micropower, 36-V Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
2Mb / 30P
TLV6700 Micropower, 18-V Window Comparator With 400-mV Reference
TLV6713 TI-TLV6713 Datasheet
2Mb / 28P
TLV6700-Q1 Micropower, 18-V Window Comparator With 400-mV Reference
More results

Similar Description - TLV6713

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
Micropower Voltage Reference with Comparator
ISL21440 INTERSIL-ISL21440_11 Datasheet
845Kb / 16P
Micropower Voltage Reference with Comparator
February 23, 2011
logo
Texas Instruments
TLV6703 TI1-TLV6703 Datasheet
307Kb / 19P
Micropower, 18-V Comparator With 400-mV Reference
TLV6700 TI1-TLV6700_18 Datasheet
1Mb / 25P
Micropower, 18-V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703_18 Datasheet
344Kb / 21P
Micropower, 18-V Comparator With 400-mV Reference
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
Micropower Voltage Reference with Comparator
logo
Texas Instruments
TLV6700 TI1-TLV6700_V01 Datasheet
2Mb / 30P
TLV6700 Micropower, 18-V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703_V01 Datasheet
1Mb / 26P
TLV6703 Micropower, 18-V Comparator With Integrated Reference
TLV6700-Q1 TI-TLV6700-Q1 Datasheet
2Mb / 28P
TLV6700-Q1 Micropower, 18-V Window Comparator With 400-mV Reference
TLV6703-Q1 TI-TLV6703-Q1 Datasheet
774Kb / 22P
TLV6703-Q1 Automotive Micropower, 18-V Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com