Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV6713
Description  TLV6703 Micropower, 18-V Comparator With Integrated Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments TLV6713 Datasheet HTML 12Page - Texas Instruments TLV6713 Datasheet HTML 13Page - Texas Instruments TLV6713 Datasheet HTML 14Page - Texas Instruments TLV6713 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
0.01 F
VDD
SENSE
OUT
GND
R1
R2
VPULLUP
Up to 18 V
1.8 V to 18 V
VMON
RP
To a reset or enable
input of the system.
11
TLV6703
www.ti.com
SBOS865B – JANUARY 2018 – REVISED NOVEMBER 2019
Product Folder Links: TLV6703
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TLV6703 device is a wide-supply voltage comparator that operates over a VDD range of 1.8 V to
18 V. The device has a high-accuracy comparator with an internal 400-mV reference and an open-drain output
rated to 18 V for precision voltage detection. The device can be used as a voltage monitor. The monitored
voltage are set with the use of external resistors.
9.1.1 VPULLUP to a Voltage Other Than VDD
The output is often tied to VDD through a resistor. However, some applications may require the output to be
pulled up to a higher or lower voltage than VDD to correctly interface with the reset and enable pins of other
devices.
Figure 14. Interfacing to a Voltage Other Than VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com