Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV6713
Description  TLV6703 Micropower, 18-V Comparator With Integrated Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 3Page - Texas Instruments TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Positive-Going Input Threshold Overdrive (%)
2.5
4
5.5
7
8.5
10
11.5
13
14.5
0
2
4
6
8
10
12
14
16
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
14
16
18
20
22
24
26
28
30
VDD = 1.8 V
VDD = 18 V
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
3
4
5
6
7
8
9
VDD = 1.8 V
VDD = 5 V
VDD = 12 V
VDD = 18 V
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
9
11
13
15
17
19
21
23
25
VDD = 1.8 V
VDD = 18 V
Supply Voltage (V)
0
2
4
6
8
10
12
14
16
18
0
1
2
3
4
5
6
7
8
9
10
TJ = -40°C
TJ = 0°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
399
399.4
399.8
400.2
400.6
401
VDD = 1.8 V
VDD = 5 V
VDD = 12 V
VDD = 18 V
7
TLV6703
www.ti.com
SBOS865B – JANUARY 2018 – REVISED NOVEMBER 2019
Product Folder Links: TLV6703
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
7.8 Typical Characteristics
at TJ = 25°C and VDD = 5 V (unless otherwise noted)
Figure 2. Supply Current (IDD) vs Supply Voltage (VDD)
Figure 3. Rising Input Threshold Voltage (VIT+) vs
Temperature
Figure 4. Hysteresis (Vhys) vs Temperature
Figure 5. Propagation Delay vs Temperature
(High-to-Low Transition at Sense)
Figure 6. Propagation Delay vs Temperature
(Low-to-High Transition at Sense)
SENSE = negative spike below VIT–
Figure 7. Minimum Pulse Width vs
Threshold Overdrive Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com