Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV6713
Description  TLV6703 Micropower, 18-V Comparator With Integrated Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 4 Page - Texas Instruments

  TLV6713 Datasheet HTML 1Page - Texas Instruments TLV6713 Datasheet HTML 2Page - Texas Instruments TLV6713 Datasheet HTML 3Page - Texas Instruments TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
TLV6703
SBOS865B – JANUARY 2018 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: TLV6703
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network ground pin.
7 Specifications
7.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage(2)
VDD
–0.3
20
V
OUT
–0.3
20
SENSE
–0.3
7
Current
OUT (output sink current)
40
mA
Temperature
Operating junction, TJ
–40
125
°C
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins (1)
±2500
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins (2)
±1000
7.3 Recommended Operating Conditions
over operating temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
1.8
18
V
VI
Input voltage
SENSE
0
6.5
V
VO
Output voltage
OUT
0
18
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor an IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TLV6703
UNIT
DDC
(SOT)
DSE
(WSON)
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
204.6
194.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
50.5
128.9
°C/W
RθJB
Junction-to-board thermal resistance
54.3
153.8
°C/W
ψJT
Junction-to-top characterization parameter
0.8
11.9
°C/W
ψJB
Junction-to-board characterization parameter
52.8
157.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com