Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV6713
Description  TLV6703 Micropower, 18-V Comparator With Integrated Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments TLV6713 Datasheet HTML 12Page - Texas Instruments TLV6713 Datasheet HTML 13Page - Texas Instruments TLV6713 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
TLV6703
SBOS865B – JANUARY 2018 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: TLV6703
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Input Pin (SENSE)
The TLV6703 comparator has two inputs: one external input, and one input internally connected to the internal
400mV reference. The comparator rising threshold is trimmed to be equal to the reference voltage (400 mV). The
comparator also has a built-in falling hysteresis that makes the device less sensitive to supply-rail noise and
provides stable operation.
The comparator input (SENSE) is able to swing from ground to 6.5 V, regardless of the device supply voltage.
Although not required in most cases, to reduce sensitivity to transients and layout parasitics for extremely noisy
applications, place a 1-nF to 10-nF bypass capacitor at the comparator input.
OUT is driven to logic low when the input SENSE voltage drops below (VIT-). When the voltage exceeds VIT+, the
output (OUT) goes to a high-impedance state; see Figure 1.
8.3.2 Output Pin (OUT)
In a typical TLV6703 application, the output is connected to a GPIO input of the processor (such as a digital
signal processor [DSP], central processing unit [CPU], field-programmable gate array [FPGA], or application-
specific integrated circuit [ASIC]).
The TLV6703 device provides an open-drain output (OUT). Use a pullup resistor to hold this line high when the
output goes to high impedance (not asserted). To connect the output to another device at the correct interface-
voltage level, connect a pullup resistor to the proper voltage rail. The TLV6703 output can be pulled up to 18 V,
independent of the device supply voltage.
Table 2 and the Input Pin (SENSE) section describe how the output is asserted or de-asserted. See Figure 1 for
a timing diagram that describes the relationship between threshold voltage and the respective output.
8.3.3 Immunity to Input-Pin Voltage Transients
The TLV6703 is relatively immune to short voltage transient spikes on the sense pin. Sensitivity to transients
depends on both transient duration and amplitude; see Figure 7, Minimum Pulse Width vs Threshold Overdrive
Voltage.
8.4 Device Functional Modes
8.4.1 Normal Operation (VDD > UVLO)
When the voltage on VDD is greater than 1.8 V for at least 150 µs, the OUT signal correspond to the voltage on
SENSE as listed in Table 2.
8.4.2 Undervoltage Lockout (V(POR) < VDD < UVLO)
When the voltage on VDD is less than the device UVLO voltage, and greater than the power-on reset voltage,
V(POR), the OUT signal is asserted regardless of the voltage on SENSE.
8.4.3
Power-On Reset (VDD < V(POR))
When the voltage on VDD is lower than the required voltage to internally pull the asserted output to GND (V(POR)),
SENSE is in a high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com