Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV6713
Description  TLV6703 Micropower, 18-V Comparator With Integrated Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments TLV6713 Datasheet HTML 12Page - Texas Instruments TLV6713 Datasheet HTML 13Page - Texas Instruments TLV6713 Datasheet HTML 14Page - Texas Instruments TLV6713 Datasheet HTML 15Page - Texas Instruments TLV6713 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
0.01 F
VDD
SENSE
OUT
GND
R1
R2
VPULLUP
Up to 18 V
1.8 V to 18 V
VMON
RP
To a reset or enable
input of the system.
0.01 F
VDD
SENSE
OUT
GND
R1
R2
VPULLUP
Up to 18 V
RP
To a reset or enable
input of the system.
1.8 V to 18 V
12
TLV6703
SBOS865B – JANUARY 2018 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: TLV6703
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Application Information (continued)
9.1.2 Monitoring VDD
Many applications monitor the same rail that is powering VDD. In these applications the resistor divider is simply
connected to the VDD rail.
Figure 15. Monitoring the Same Voltage as VDD
9.1.3 Monitoring a Voltage Other Than VDD
Some applications monitor rails other than the one that is powering VDD. In these types of applications the
resistor divider used to set the desired threshold is connected to the rail that is being monitored.
NOTE: The input can monitor a voltage greater than maximum VDD with the use of an external resistor divider
network.
Figure 16. Monitoring a Voltage Other Than VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com