Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV6713
Description  TLV6703 Micropower, 18-V Comparator With Integrated Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 5 Page - Texas Instruments

  TLV6713 Datasheet HTML 1Page - Texas Instruments TLV6713 Datasheet HTML 2Page - Texas Instruments TLV6713 Datasheet HTML 3Page - Texas Instruments TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
TLV6703
www.ti.com
SBOS865B – JANUARY 2018 – REVISED NOVEMBER 2019
Product Folder Links: TLV6703
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1)
The lowest supply voltage (VDD) at which output is active; tr(VDD) > 15 µs/V. Below V(POR), the output cannot be determined.
(2)
When VDD falls below UVLO, OUT is driven low. The output cannot be determined below V(POR).
7.5 Electrical Characteristics
Over the operating temperature range of TJ = –40°C to +125°C, and 1.8 V < VDD < 18 V (unless otherwise noted).
Typical values are at TJ = 25°C and VDD = 5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(POR)
Power-on reset voltage (1)
VOLmax = 0.2 V, output sink current = 15 µA
0.8
V
VIT+
Positive-going input threshold voltage
VDD = 1.8V and 18 V, TJ = 25°C
398
400
402.5
mV
VDD = 1.8V and 18 V, TJ = –40°C to 125°C
396
404
VIT–
Negative-going input threshold voltage
VDD = 1.8V and 18 V, TJ = 25°C
391.6
394.5
397.5
mV
VDD = 1.8V and 18 V, TJ = –40°C to 125°C
387
400
Vhys
Hysteresis voltage (hys = VIT+ – VIT–)
5.5
12
mV
I(SENSE)
Input current (at the SENSE pin)
VDD = 1.8 V and 18 V, VI = 6.5 V
–25
1
25
nA
VOL
Low-level output voltage
VDD = 1.3 V, output sink current = 0.4 mA
250
mV
VDD = 1.8 V, output sink current = 3 mA
250
VDD = 5 V, output sink current = 5 mA
250
Ilkg(OD)
Open-drain output leakage-current
VDD = 1.8 V and 18 V, VO = VDD
300
nA
VDD = 1.8 V, VO = 18 V
300
IDD
Supply current
VDD = 1.8 V, no load
5.5
11
µA
VDD = 5 V
6
13
VDD = 12 V
6
13
VDD = 18 V
7
13
UVLO
Undervoltage lockout (2)
VDD falling
1.3
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com