Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV6713
Description  TLV6703 Micropower, 18-V Comparator With Integrated Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments TLV6713 Datasheet HTML 12Page - Texas Instruments TLV6713 Datasheet HTML 13Page - Texas Instruments TLV6713 Datasheet HTML 14Page - Texas Instruments TLV6713 Datasheet HTML 15Page - Texas Instruments TLV6713 Datasheet HTML 16Page - Texas Instruments TLV6713 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
MON(UV)
IT
R1
V
= 1 +
× V
R2
§
·
¨
¸
©
¹
0.01 F
VDD
SENSE
OUT
GND
R1
2.21 MŸ
R2
83.5 kŸ
VPULLUP
Up to 18 V
1.8 V to 18 V
VMON
RP
49.9 kŸ
To a reset or enable
input of the system.
13
TLV6703
www.ti.com
SBOS865B – JANUARY 2018 – REVISED NOVEMBER 2019
Product Folder Links: TLV6703
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
9.2 Typical Application
The TLV6703 device is a wide-supply voltage comparator that operates over a VDD range of 1.8 to 18 V. The
monitored voltage is set with the use of external resistors, so the device can be used either as a precision
voltage monitor.
Figure 17. Wide VIN Voltage Monitor
9.2.1 Design Requirements
For this design example, use the values summarized in Table 3 as the input parameters.
Table 3. Design Parameters
PARAMETER
DESIGN REQUIREMENT
DESIGN RESULT
Monitored voltage
12-V nominal rail with maximum falling
threshold of 10%
VMON(UV)= 10.99 V (8.33%)
9.2.2 Detailed Design Procedure
9.2.2.1 Resistor Divider Selection
The resistor divider values and target threshold voltage can be calculated by using Equation 1 to determine
VMON(UV).
(1)
where
•
R1 and R2 are the resistor values for the resistor divider on the SENSEx pins
•
VMON(UV) is the target voltage at which an undervoltage condition is detected
Choose RTOTAL ( = R1 + R2) so that the current through the divider is approximately 100 times higher than the
input current at the SENSE pin. The resistors can have high values to minimize current consumption as a result
of low input bias current without adding significant error to the resistive divider. For details on sizing input
resistors, refer to application report SLVA450, Optimizing Resistor Dividers at a Comparator Input, available for
download from www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com