Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV6713
Description  TLV6703 Micropower, 18-V Comparator With Integrated Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 2Page - Texas Instruments TLV6713 Datasheet HTML 3Page - Texas Instruments TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
VDD
SENSE
OUT
VIT+
VHYS
t pd(LH)
t pd(LH)
t pd(HL)
VIT±
t
d(start)
V(POR)
6
TLV6703
SBOS865B – JANUARY 2018 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: TLV6703
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1)
High-to-low and low-to-high refers to the transition at the input pin (SENSE).
(2)
During power on, VDD must exceed 1.8 V for at least 150 µs before the output is in a correct state.
7.6 Timing Requirements
over operating temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
tpd(HL)
High-to-low propagation delay (1)
VDD = 5 V, 10-mV input overdrive,
RP = 10 kΩ, VOH = 0.9 × VDD, VOL = 400 mV,
see Figure 1
18
µs
tpd(LH)
Low-to-high propagation delay (1)
VDD = 5 V, 10-mV input overdrive,
RP = 10 kΩ, VOH = 0.9 × VDD, VOL = 400 mV,
see Figure 1
29
µs
td(start)
Start-up delay (2)
150
µs
7.7 Switching Characteristics
over operating temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output rise time
VDD = 5 V, 10-mV input overdrive,
RP = 10 kΩ, VO = (0.1 to 0.9) × VDD
2.2
µs
tf
Output fall time
VDD = 5 V, 10-mV input overdrive,
RP = 10 kΩ, VO = (0.1 to 0.9) × VDD
0.22
µs
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com