Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV6713
Description  TLV6703 Micropower, 18-V Comparator With Integrated Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 3 Page - Texas Instruments

  TLV6713 Datasheet HTML 1Page - Texas Instruments TLV6713 Datasheet HTML 2Page - Texas Instruments TLV6713 Datasheet HTML 3Page - Texas Instruments TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
OUT
GND
SENSE
6
5
4
GND
VDD
GND
1
2
3
GND
VDD
GND
OUT
GND
SENSE
1
2
3
6
5
4
3
TLV6703
www.ti.com
SBOS865B – JANUARY 2018 – REVISED NOVEMBER 2019
Product Folder Links: TLV6703
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
6 Pin Configuration and Functions
DDC Package
SOT-23-6
Top View
DSE Package
WSON-6
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DDC
DSE
GND
2, 4, 6
1, 3, 5
—
Connect all three pins to ground.
OUT
1
6
O
SENSE comparator has an open-drain output. OUT is driven low when SENSE is below
(VIT-). OUT goes high when SENSE returns above the respective threshold (VIT+).
SENSE
3
4
I
This pin is connected to the voltage to be monitored with the use of an external resistor
divider. When the voltage at this pin drops below the threshold voltage (VIT-), OUT is
driven low.
VDD
5
2
I
Supply voltage input. Connect a 1.8-V to 18-V supply to VDD to power the device. Good
analog design practice is to place a 0.1-µF ceramic capacitor close to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com