Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV6713
Description  TLV6703 Micropower, 18-V Comparator With Integrated Reference
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments TLV6713 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Output Sink Current (mA)
0
4
8
12
16
20
24
28
32
36
40
0
200
400
600
800
1000
1200
1400
1600
1800
2000
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Output Sink Current (mA)
0
4
8
12
16
20
24
28
32
36
40
0
200
400
600
800
1000
1200
1400
1600
1800
2000
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Output Sink Current (mA)
0
4
8
12
16
20
24
28
32
36
40
0
200
400
600
800
1000
1200
1400
1600
1800
2000
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Output Sink Current (mA)
0
4
8
12
16
20
24
28
32
36
40
0
200
400
600
800
1000
1200
1400
1600
1800
2000
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Output Sink Current (mA)
0
4
8
12
16
20
24
28
32
36
40
0
2
4
6
8
10
12
TJ = -40°C
TJ = 0°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
Output Sink Current (mA)
0
4
8
12
16
20
24
28
32
36
40
0
200
400
600
800
1000
1200
1400
1600
1800
2000
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
8
TLV6703
SBOS865B – JANUARY 2018 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: TLV6703
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TJ = 25°C and VDD = 5 V (unless otherwise noted)
Figure 8. Supply Current (IDD) vs
Output Sink Current
Figure 9. Output Voltage Low (VOL) vs
Output Sink Current (–40°C)
Figure 10. Output Voltage Low (VOL) vs
Output Sink Current (0°C)
Figure 11. Output Voltage Low (VOL) vs
Output Sink Current (25°C)
Figure 12. Output Voltage Low (VOL) vs
Output Sink Current (85°C)
Figure 13. Output Voltage Low (VOL) vs
Output Sink Current (125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com