Electronic Components Datasheet Search
  English  ▼

X  

TMP112D Datasheet(PDF) 18 Page - Texas Instruments

Part # TMP112D
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112D Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP112D Datasheet HTML 14Page - Texas Instruments TMP112D Datasheet HTML 15Page - Texas Instruments TMP112D Datasheet HTML 16Page - Texas Instruments TMP112D Datasheet HTML 17Page - Texas Instruments TMP112D Datasheet HTML 18Page - Texas Instruments TMP112D Datasheet HTML 19Page - Texas Instruments TMP112D Datasheet HTML 20Page - Texas Instruments TMP112D Datasheet HTML 21Page - Texas Instruments TMP112D Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
7.3.2 Serial Interface
The TMP112-Q1/TMP112D-Q1 device operates as a target device only on the I2C, SMBus and two-wire
interface-compatible bus. Connections to the bus are made through the open-drain I/O lines, SDA and SCL.
The SDA and SCL pins feature integrated spike suppression filters and Schmitt triggers to minimize the effects
of input spikes and bus noise. The TMP112-Q1/TMP112D-Q1 device supports the transmission protocol for both
fast (1kHz to 400kHz) and high-speed (1kHz to 2.85MHz) modes. All data bytes are transmitted MSB first.
7.3.2.1 Bus Overview
The device that initiates the transfer is called a controller, and the devices controlled by the controller are targets.
The bus must be controlled by a controller device that generates the serial clock (SCL), controls the bus access,
and generates the START and STOP conditions.
To address a specific device, a START condition is initiated, indicated by pulling the data-line (SDA) from a high-
to low-logic level when the SCL pin is high. All targets on the bus shift in the target address byte on the rising
edge of the clock, with the last bit indicating whether a read or write operation is intended. During the ninth clock
pulse, the target being addressed responds to the controller by generating an acknowledge and pulling the SDA
pin low.
A data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit. During the data
transfer the SDA pin must remain stable when the SCL pin is high, because any change in the SDA pin when the
SCL pin is high is interpreted as a START or STOP signal.
When all data have been transferred, the controller generates a STOP condition indicated by pulling the SDA pin
from low to high when the SCL pin is high.
7.3.2.2 Serial Bus Address
To communicate with the TMP112-Q1/TMP112D-Q1 device, the controller must first address target devices
through a target-address byte. The target-address byte consists of seven address bits and a direction bit
indicating the intent of executing a read or write operation.
The TMP112-Q1/TMP112D-Q1 device features an address pin to allow up to four devices to be addressed on a
single bus. Table 7-4 lists the pin logic levels used to properly connect up to four devices.
Table 7-4. Address and Alert Variant Device Target Address
DEVICE ORDERABLE
ADD0 PIN CONNECTION
DEVICE I2C BUS
ADDRESS
DEVICE I2C BUS
ADDRESS (Hex)
Address Variant Only
(X2SON-5 package)
TMP112D-Q1
GND
1000000
40h
V+
1000001
41h
SDA
1000010
42h
SCL
1000011
43h
Address and Alert
Variant
(SOT563-6 package)
TMP112-Q1
TMP112D-Q1
GND
1001000
48h
V+
1001001
49h
SDA
1001010
4Ah
SCL
1001011
4Bh
7.3.2.3 Writing and Reading Operation
Accessing a particular register on the TMP112-Q1/TMP112D-Q1 device is accomplished by writing the
appropriate value to the pointer register. The value for the pointer register is the first byte transferred after
the target address byte with the R/W bit low. Every write operation to the TMP112-Q1/TMP112D-Q1 device
requires a value for the pointer register (see Figure 7-4).
When reading from the TMP112-Q1/TMP112D-Q1 device, the last value stored in the pointer register by a write
operation is used to determine which register is read by a read operation. To change the register pointer for a
read operation, a new value must be written to the pointer register. This action is accomplished by issuing a
target-address byte with the R/W bit low, followed by the pointer register byte. No additional data are required.
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com