Electronic Components Datasheet Search
  English  ▼

X  

TMP112D Datasheet(PDF) 34 Page - Texas Instruments

Part # TMP112D
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112D Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMP112D Datasheet HTML 30Page - Texas Instruments TMP112D Datasheet HTML 31Page - Texas Instruments TMP112D Datasheet HTML 32Page - Texas Instruments TMP112D Datasheet HTML 33Page - Texas Instruments TMP112D Datasheet HTML 34Page - Texas Instruments TMP112D Datasheet HTML 35Page - Texas Instruments TMP112D Datasheet HTML 36Page - Texas Instruments TMP112D Datasheet HTML 37Page - Texas Instruments TMP112D Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Time (s)
-1
0
1
2
3
4
5
6
7
8
9
10 11 12
20
30
40
50
60
70
80
90
100
110
DRL package
DPW package
Figure 8-6. TMP112-Q1/TMP112D-Q1 Temperature Step Response
8.3 Power Supply Recommendations
The TMP112-Q1/TMP112D-Q1 device operates with power supply in the range of 1.4V to 3.6V. The device is
optimized for operation at 3.3V supply but can measure temperature accurately in the full supply range. For
TMP112-Q1 only, refer to the Power Supply-Level Contribution to Accuracy section for more information about
the power supply impact on the accuracy of the device.
A power-supply bypass capacitor is required for proper operation. Place this capacitor as close as possible to
the supply and ground pins of the device. A typical value for this supply bypass capacitor is 0.01μF. Applications
with noisy or high-impedance power supplies can require additional decoupling capacitors to reject power-supply
noise.
8.4 Layout
8.4.1 Layout Guidelines
Place the power-supply bypass capacitor as close as possible to the supply and ground pins. The recommended
value of this bypass capacitor is 0.01μF. Additional decoupling capacitance can be added to compensate for
noisy or high-impedance power supplies. Pull up the open-drain output pins (SDA , SCL and ALERT) through
5kΩ pullup resistors.
8.4.2 Layout Example
There are special considerations that need to be taken for the TMP112D-Q1 X2SON package. These
considerations are due to the center pad being electrically connected address pin and because of the
dimensions of the package and the pads. With the address option, the center pad can be directly connected
with a trace on the same layer to one of the 4 edge pins for setting the device address as shown in Figure 8-7.
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com