Electronic Components Datasheet Search
  English  ▼

X  

TMP112D Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP112D
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112D Datasheet(HTML) 5 Page - Texas Instruments

  TMP112D Datasheet HTML 1Page - Texas Instruments TMP112D Datasheet HTML 2Page - Texas Instruments TMP112D Datasheet HTML 3Page - Texas Instruments TMP112D Datasheet HTML 4Page - Texas Instruments TMP112D Datasheet HTML 5Page - Texas Instruments TMP112D Datasheet HTML 6Page - Texas Instruments TMP112D Datasheet HTML 7Page - Texas Instruments TMP112D Datasheet HTML 8Page - Texas Instruments TMP112D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
5 Pin Configuration and Functions
2
1
3
5
4
GND
SCL
V+
SDA
ADD0
Not to scale
Figure 5-1. DPW Package
5-Pin X2SON
Just Address Option
TMP112D-Q1
(Top View)
1
2
3
6
5
4
SDA
V+
ADD0
SCL
GND
ALERT
Figure 5-2. DRL Package
6-Pin SOT563
Address and Alert Option
TMP112D-Q1 and TMP112-Q1
(Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
(DPW package)
NO.
(DRL package)
TMP112D-Q1
TMP112-Q1
TMP112D-Q1
GND
1
2
—
Ground
SCL
2
1
I
Serial clock
ADD0
3
4
I
Address select. Connect to GND, SCL, SDA or V+.
Pin-3 curvature is overlooked pin-1 on DPW package.
ALERT
—
3
O
Overtemperature alert. Open-drain output; requires a pullup resistor.
Note-1: Only available on DRL package.
Note-2: Connecting to GND if Alert pin is not used is preferred.
SDA
4
6
I/O
Serial data input. Open-drain output; requires a pullup resistor.
V+
5
5
I
Supply voltage, 1.4V to 3.6V
(1)
I = Input, O = Output, I/O = Input or Output.
www.ti.com
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com