Electronic Components Datasheet Search
  English  ▼

X  

TMP112D Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP112D
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112D Datasheet(HTML) 3 Page - Texas Instruments

  TMP112D Datasheet HTML 1Page - Texas Instruments TMP112D Datasheet HTML 2Page - Texas Instruments TMP112D Datasheet HTML 3Page - Texas Instruments TMP112D Datasheet HTML 4Page - Texas Instruments TMP112D Datasheet HTML 5Page - Texas Instruments TMP112D Datasheet HTML 6Page - Texas Instruments TMP112D Datasheet HTML 7Page - Texas Instruments TMP112D Datasheet HTML 8Page - Texas Instruments TMP112D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
4 Device Comparison
Table 4-1. Device Comparison
Feature
TMP112-Q1
TMP112D-Q1
TMP102-Q1
TMP75B-Q1
TMPx75-Q1
TMP100-Q1
TMP101-Q1
TMP126-Q1
TMP127-Q1
VDD (V)
1.4 - 3.6
1.4 - 3.6
1.4 - 3.6
1.4 - 3.6
2.7 - 5.5
2.7 - 5.5
1.62 - 5.5
1.62 - 5.5
Temp Range
(°C)
-40 to 125
-40 to 125
-40 to 125
-40 to 125
-40 to 125
-55 to 125
-55 to 175
-55 to 175
Automotive
Grade
Grade-1
Grade-1
Grade-1
Grade-1
Grade-1
Grade-1
Grade-0
Grade-0
Functional
Safety
Capable
Yes
Yes
Yes
Yes
No
Yes
Yes
Yes
Typical Current Consumption and Conversion Time (25°C)
IAVG (μA)
7 (at 4Hz)
3.2 (at 1Hz)
4.8 (at 4Hz)
7 (at 4Hz)
6.5 (at 4Hz)
-
-
1 (at 1Hz)
2.65 (at 4Hz)
IQ_ACTIVE (μA)
40
55
40
45
50
45
77
77
ISB (μA)
2.2
2.6
2.2
1
-
-
0.5
0.5
ISD (μA)
0.5
0.15
0.5
0.3
0.1
0.1
0.35
0.35
Conversion
Time (ms)
26
10
26
27
27.5 to 220
40 to 320
6
6
Maximum Temperature Accuracy (°C)
0 to 65
±0.5
±0.4
-
-
-
-
-
-
-25 to 85
-
±0.5
±2
-
±1.5
±2
±0.3
-
-40 to 125
±1
±0.7
±3
±2
±2
-
±0.4
-
-55 to 125
-
-
-
-
-
±2
-
-
-55 to 150
-
-
-
-
-
-
±0.5
±0.8
-55 to 175
-
-
-
-
-
-
±0.75
±1
Features
Interface
I2C
SPI
Resolution
(Bit)
12
12
12
12
9 to 12
9 to 12
14
14
Number of
Addresses
4
(ADD0 pin)
4
(ADD0 pin)
4
(ADD0 pin)
8
(A2/A1/A0
pins)
Up to 27
(A2/A1/A0
pins)
Up to 8
(ADD0/ADD1
pins)
1
1
Packaging
Dimensions
[mm × mm ×
mm ]
SOT563
(6-pin)
1.6× 1.6 × 0.6
SOT563
(6-pin)
1.6× 1.6 × 0.6
X2SON
(5-pin)
0.8× 0.8 × 0.4
SOT563
(6-pin)
1.6× 1.6 × 0.6
VSSOP
(8-pin)
3 × 4.9 × 1.1
SOIC
(8-pin)
4.9 × 6 × 1.75
VSSOP
(8-pin)
3 × 4.9 × 1.1
SOIC
(8-pin)
4.9 × 6 × 1.75
SOT23
(6-pin)
2.9×2.8×1.45
SOT23
(6-pin)
2.9×2.8×1.45
SC70
(6-pin)
2 × 2.1 × 1.1
SOT23
(6-pin)
2.9×2.8×1.45
www.ti.com
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com