Electronic Components Datasheet Search
  English  ▼

X  

TMP112D Datasheet(PDF) 19 Page - Texas Instruments

Part # TMP112D
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112D Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP112D Datasheet HTML 15Page - Texas Instruments TMP112D Datasheet HTML 16Page - Texas Instruments TMP112D Datasheet HTML 17Page - Texas Instruments TMP112D Datasheet HTML 18Page - Texas Instruments TMP112D Datasheet HTML 19Page - Texas Instruments TMP112D Datasheet HTML 20Page - Texas Instruments TMP112D Datasheet HTML 21Page - Texas Instruments TMP112D Datasheet HTML 22Page - Texas Instruments TMP112D Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
The controller can then generate a START condition and send the target address byte with the R/W bit high
to initiate the read command. See Figure 7-5 for details of this sequence. If repeated reads from the same
register are desired, continuously sending the pointer register bytes is not necessary because the TMP112-Q1/
TMP112D-Q1 device retains the pointer register value until the value is changed by the next write operation.
Register bytes are sent with the most significant byte first, followed by the least significant byte.
7.3.2.4 Target Mode Operation
The TMP112-Q1/TMP112D-Q1 device can operate as a target receiver or target transmitter. As a target device,
the TMP112-Q1/TMP112D-Q1 device never drives the SCL line.
7.3.2.4.1 Target Receiver Mode
The first byte transmitted by the controller is the target address with the R/W bit low. The TMP112-Q1/TMP112D-
Q1 device then acknowledges reception of a valid address. The next byte transmitted by the controller is the
pointer register. The TMP112-Q1/TMP112D-Q1 device then acknowledges reception of the pointer register byte.
The next byte or bytes are written to the register addressed by the pointer register. The TMP112-Q1/TMP112D-
Q1 device acknowledges reception of each data byte. The controller can terminate data transfer by generating a
START or STOP condition.
7.3.2.4.2 Target Transmitter Mode
The first byte transmitted by the controller is the target address with the R/W bit high. The target acknowledges
reception of a valid target address. The next byte is transmitted by the target and is the most significant byte of
the register indicated by the pointer register. The controller acknowledges reception of the data byte. The next
byte transmitted by the target is the least significant byte. The controller acknowledges reception of the data
byte. The controller can terminate data transfer by generating a not-acknowledge on reception of any data byte
or by generating a START or STOP condition.
7.3.2.5 SMBus Alert Function
The TMP112-Q1/TMP112D-Q1 device supports the SMBus alert function. When the TMP112-Q1/TMP112D-Q1
device operates in interrupt mode (TM = 1), the ALERT pin can be connected as an SMBus alert signal. When
a controller senses that an alert condition is present on the alert line, the controller sends an SMBus ALERT
command (0001 1001) to the bus. If the ALERT pin is active, the device acknowledges the SMBus ALERT
command and responds by returning the target address on the SDA line. The eighth bit (LSB) of the target
address byte indicates if the alert condition is caused by the temperature exceeding T(HIGH) or falling below
T(LOW). The LSB is high if the temperature is greater than T(HIGH), or low if the temperature is less than T(LOW).
See Figure 7-6 for details of this sequence.
If multiple devices on the bus respond to the SMBus ALERT command, arbitration during the target address
portion of the SMBus ALERT command determines which device clears the alert status of that device. The
device with the lowest two-wire address wins the arbitration. If the TMP112-Q1/TMP112D-Q1 device wins the
arbitration, the TMP112-Q1/TMP112D-Q1 ALERT pin becomes inactive at the completion of the SMBus ALERT
command. If the TMP112-Q1/TMP112D-Q1 device loses the arbitration, the TMP112-Q1/TMP112D-Q1 ALERT
pin remains active.
7.3.2.6 General Call
The TMP112-Q1/TMP112D-Q1 device responds to a two-wire general-call address (0000 000) if the eighth bit
is 0. The device acknowledges the general-call address and responds to commands in the second byte. If the
second byte is 0000 0110, the TMP112-Q1/TMP112D-Q1 internal registers are reset to power-up values. The
TMP112-Q1/TMP112D-Q1 device does not support the general-address acquire command.
7.3.2.7 High-Speed (Hs) Mode
For the two-wire bus to operate at frequencies above 400kHz, the controller device must issue an Hs-mode
controller code (0000 1xxx) as the first byte after a START condition to switch the bus to high-speed operation.
The TMP112-Q1/TMP112D-Q1 device does not acknowledge this byte, but switches the input filters on the SDA
and SCL pins and the output filters on the SDA pin to operate in Hs-mode thus allowing transfers at up to
www.ti.com
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com