Electronic Components Datasheet Search
  English  ▼

X  

TMP112D Datasheet(PDF) 31 Page - Texas Instruments

Part # TMP112D
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112D Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMP112D Datasheet HTML 27Page - Texas Instruments TMP112D Datasheet HTML 28Page - Texas Instruments TMP112D Datasheet HTML 29Page - Texas Instruments TMP112D Datasheet HTML 30Page - Texas Instruments TMP112D Datasheet HTML 31Page - Texas Instruments TMP112D Datasheet HTML 32Page - Texas Instruments TMP112D Datasheet HTML 33Page - Texas Instruments TMP112D Datasheet HTML 34Page - Texas Instruments TMP112D Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
8.1.2 Using The Slope Specifications With a 1-Point Calibration (TMP112-Q1 Only)
The initial accuracy assurance at 25°C with the slope regions provides an accuracy that is high enough for most
applications. However, if higher accuracy is desired, this increase can be achieved with a 1-point calibration
at 25°C. This calibration removes the offset at room temperature, thereby reducing the source of error in a
TMP112-Q1 temperature reading down to the curvature. Figure 8-2 shows the error of a calibrated TMP112-Q1
device.
0.8
0.6
0.4
0.2
0
-0.2
0.4
0.6
-
-
Temperature ( C)
°
Slope1
MAX
Slope2
MAX
Slope3
MAX
Calibration at 25°C Removes Offset
-40
-20
0
40
60
130
100 110 120
80 90
70
50
20 30
10
-30
-10
Figure 8-2. Calibrated Accuracy and Slope Curves Versus Temperature
Using the previous example temperature range of 0°C to 50°C, the worst-case temperature error is now reduced
to the worst-case slopes because the offset at 25°C (that is, the maximum and minimum temperature errors of
0.3°C and –0.5°C) is removed. Therefore, a user can expect the worst-case accuracy to improve to 0.175°C.
8.1.2.1 Power Supply-Level Contribution to Accuracy
The accuracy that can be achieved with the TMP112-Q1 device is complemented by the immunity-to-DC
variations from a 3.3V supply voltage. This immunity is important because the immunity spares the user from
having to use another LDO regulator to produce 3.3V to achieve accuracy. Nevertheless, the noise quantization
that results from changing supply can add some slight change in temperature measurement accuracy. As an
example, if the user chooses to operate the device at 1.8V, the worst-case expected change in accuracy can be
calculated with Equation 14:
AccuracyPSR =± V+−3.3V × 0.25℃V
(14)
AccuracyPSR =± 1.8V−3.3V × 0.25℃V =±0.375℃
(15)
This example is a worst-case accuracy contribution as a result of variation in power supply that must be added to
the accuracy plus the slope maximum.
www.ti.com
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com