Electronic Components Datasheet Search
  English  ▼

X  

TMP112D Datasheet(PDF) 27 Page - Texas Instruments

Part # TMP112D
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112D Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP112D Datasheet HTML 23Page - Texas Instruments TMP112D Datasheet HTML 24Page - Texas Instruments TMP112D Datasheet HTML 25Page - Texas Instruments TMP112D Datasheet HTML 26Page - Texas Instruments TMP112D Datasheet HTML 27Page - Texas Instruments TMP112D Datasheet HTML 28Page - Texas Instruments TMP112D Datasheet HTML 29Page - Texas Instruments TMP112D Datasheet HTML 30Page - Texas Instruments TMP112D Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
7.5.3.8 Alert (AL)
The AL bit is a read-only function. Reading the AL bit provides information about the comparator mode status.
The state of the POL bit inverts the polarity of data returned from the AL bit. When the POL bit equals 0, the AL
bit reads as 1 until the temperature equals or exceeds T(HIGH) for the programmed number of consecutive faults,
causing the AL bit to read as 0. The AL bit continues to read as 0 until the temperature falls below T(LOW) for
the programmed number of consecutive faults, when the bit again reads as 1. The status of the TM bit does not
affect the status of the AL bit.
7.5.3.9 Conversion Rate (CR)
The conversion rate bits, CR1 and CR0, configure the TMP112-Q1/TMP112D-Q1 device for conversion rates
of 0.25Hz, 1Hz, 4Hz, or 8Hz. The default rate is 4Hz. For more information on conversion rate bits, see the
Continuous-Conversion Mode section.
7.5.4 High- and Low-Limit Registers
The temperature limits are stored in the T(LOW) and T(HIGH) registers in the same format as the temperature
result, and the values are compared to the temperature result on every conversion. The outcome of the
comparison drives the behavior of the ALERT pin, which operates as a comparator output or an interrupt, and is
set by the TM bit in the configuration register.
In Comparator mode (TM = 0), the ALERT pin becomes active when the temperature equals or exceeds the
value in the T(HIGH) register and generates a consecutive number of faults according to fault bits F1 and F0. The
ALERT pin remains active until the temperature falls below the indicated T(LOW) value for the same number of
faults.
In interrupt mode (TM = 1), the ALERT pin becomes active when the temperature equals or exceeds the value
in T(HIGH) for a consecutive number of fault conditions (as shown in Table 7-10). The ALERT pin remains active
until a read operation of any register occurs, or the device successfully responds to the SMBus alert response
address. The ALERT pin is also cleared if the device is placed in shutdown mode. When the ALERT pin
is cleared, the pin becomes active again only when temperature falls below T(LOW), and remains active until
cleared by a read operation of any register or a successful response to the SMBus alert response address.
When the ALERT pin is cleared, the above cycle repeats, with the ALERT pin becoming active when the
temperature equals or exceeds T(HIGH). The ALERT pin can also be cleared by resetting the device with the
general-call Reset command. This action also clears the state of the internal registers in the device, returning the
device to comparator mode (TM = 0).
Both operating modes are represented in Figure 7-9 and Figure 7-10. Table 7-11 and Table 7-12 list the format
for the T(HIGH) and T(LOW) registers. The most significant byte is sent first, followed by the least significant byte.
The power-up reset values for T(HIGH) and T(LOW) are:
• T(HIGH) = 80°C
• T(LOW) = 75°C
The format of the data for T(HIGH) and T(LOW) is the same as for the temperature register.
Table 7-11. Bytes 1 and 2 of T(HIGH) Register (1)
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
H11
H10
H9
H8
H7
H6
H5
H4
(H12)
(H11)
(H10)
(H9)
(H8)
(H7)
(H6)
(H5)
2
H3
H2
H1
H0
0
0
0
0
(H4)
(H3)
(H2)
(H1)
(H0)
(0)
(0)
(0)
(1)
Extended mode 13-bit configuration shown in parenthesis.
Table 7-12. Bytes 1 and 2 of T(LOW) Register (1)
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
L11
L10
L9
L8
L7
L6
L5
L4
(L12)
(L11)
(L10)
(L9)
(L8)
(L7)
(L6)
(L5)
www.ti.com
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com