Electronic Components Datasheet Search
  English  ▼

X  

TMP112D Datasheet(PDF) 20 Page - Texas Instruments

Part # TMP112D
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112D Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP112D Datasheet HTML 16Page - Texas Instruments TMP112D Datasheet HTML 17Page - Texas Instruments TMP112D Datasheet HTML 18Page - Texas Instruments TMP112D Datasheet HTML 19Page - Texas Instruments TMP112D Datasheet HTML 20Page - Texas Instruments TMP112D Datasheet HTML 21Page - Texas Instruments TMP112D Datasheet HTML 22Page - Texas Instruments TMP112D Datasheet HTML 23Page - Texas Instruments TMP112D Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
2.85MHz. After the Hs-mode controller code has been issued, the controller transmits a two-wire target address
to initiate a data-transfer operation. The bus continues to operate in Hs-mode until a STOP condition occurs on
the bus. Upon receiving the STOP condition, the TMP112-Q1/TMP112D-Q1 device switches the input and output
filters back to fast-mode operation.
7.3.2.8 Timeout Function
The TMP112-Q1/TMP112D-Q1 device resets the serial interface if the SCL pin is held low for 30ms (typical)
between a start and stop condition. The TMP112-Q1/TMP112D-Q1 releases the SDA line if the SCL pin is pulled
low and waits for a start condition from the host controller. To avoid activating the timeout function, maintain a
communication speed of at least 1kHz for SCL operating frequency.
7.3.2.9 Timing Diagrams
The TMP112-Q1/TMP112D-Q1 device is two-wire, SMBus and I2C interface-compatible. Figure 7-4 to Figure 7-6
illustrate the various operations on the TMP112-Q1/TMP112D-Q1 device. Parameters for Figure 6-1 are listed in
the Timing Requirements table. The bus definitions are defined as follows:
Bus Idle:
Both SDA and SCL lines remain high.
Start Data
Transfer:
A change in the state of the SDA line, from high to low, when the SCL line is high, defines a
START condition. Each data transfer is initiated with a START condition.
Stop Data
Transfer:
A change in the state of the SDA line from low to high when the SCL line is high defines
a STOP condition. Each data transfer is terminated with a repeated START or STOP
condition.
Data Transfer:
The number of data bytes transferred between a START and a STOP condition is not
limited and is determined by the controller device. Using the TMP112-Q1/TMP112D-Q1
device for single byte updates is also possible. To update only the most-significant (MS)
byte, terminate the communication by issuing a START or STOP communication on the
bus.
Acknowledge:
Each receiving device, when addressed, is obliged to generate an acknowledge bit. A
device that acknowledges must pull down the SDA line during the acknowledge clock pulse
in such a way that the SDA line is stable low during the high period of the acknowledge
clock pulse. Setup and hold times must be taken into account. On a controller receive,
the termination of the data transfer can be signaled by the controller generating a not-
acknowledge (1) on the last byte that has been transmitted by the target.
7.3.2.9.1 Two-Wire Timing Diagrams
See the Timing Requirements table for timing specifications.
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com