Electronic Components Datasheet Search
  English  ▼

X  

TMP112D Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP112D
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112D Datasheet(HTML) 4 Page - Texas Instruments

  TMP112D Datasheet HTML 1Page - Texas Instruments TMP112D Datasheet HTML 2Page - Texas Instruments TMP112D Datasheet HTML 3Page - Texas Instruments TMP112D Datasheet HTML 4Page - Texas Instruments TMP112D Datasheet HTML 5Page - Texas Instruments TMP112D Datasheet HTML 6Page - Texas Instruments TMP112D Datasheet HTML 7Page - Texas Instruments TMP112D Datasheet HTML 8Page - Texas Instruments TMP112D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Table 4-2. TMP112-Q1 and TMP112D-Q1 Device Orderable Options
DEVICE NAME
PART NUMBER
PACKAGE
ACCURACY
SPECIFIED
TEMPERATURE AND
SUPPLY RANGE
TMP112-Q1
TMP112AQDRLRQ1
SOT563
(DRL)
6-pin
±0.1°C (Typ)
TA = 25°C
V+ = 3.3V
±0.5°C (Max)
0°C ≤ TA ≤ 65°C
V+ = 3.3V
±1°C (Max)
-40°C ≤ TA ≤ 125°C
1.4V ≤ V+ ≤ 3.6V
TMP112D-Q1
TMP112DQDRLRQ1
SOT563
(DRL)
6-pin
±0.1°C (Typ)
TA = 25°C
V+ = 3.3V
±0.4°C (Max)
0°C ≤ TA ≤ 65°C
1.5V ≤ V+ ≤ 3.6V
TMP112DQDPWRQ1
X2SON
(DPW)
5-pin
±0.5°C (Max)
-25°C ≤ TA ≤ 85°C
1.5V ≤ V+ ≤ 3.6V
±0.7°C (Max)
-40°C ≤ TA ≤ 125°C
1.4V ≤ V+ ≤ 3.6V
TMP 112 x Q yyy R Q1
Device Name
A (TMP112-Q1) or
D (TMP112D-Q1) Variant
Only Automotive Qualified Device
TI Package Designator (DRL or DPW)
T&R Packing size
Only Grade-1 Automotive Qualified
Sensor Family
Figure 4-1. TMP112-Q1 and TMP112D-Q1 Device Nomenclature
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com