Electronic Components Datasheet Search
  English  ▼

X  

TMP112D Datasheet(PDF) 33 Page - Texas Instruments

Part # TMP112D
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112D Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP112D Datasheet HTML 29Page - Texas Instruments TMP112D Datasheet HTML 30Page - Texas Instruments TMP112D Datasheet HTML 31Page - Texas Instruments TMP112D Datasheet HTML 32Page - Texas Instruments TMP112D Datasheet HTML 33Page - Texas Instruments TMP112D Datasheet HTML 34Page - Texas Instruments TMP112D Datasheet HTML 35Page - Texas Instruments TMP112D Datasheet HTML 36Page - Texas Instruments TMP112D Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
8.2.1 Design Requirements
The TMP112-Q1/TMP112D-Q1 device requires pullup resistors on the SCL, SDA, and/or ALERT pins. The
recommended value for the pullup resistors is 5kΩ. In some applications the pullup resistor can be lower or
higher than 5kΩ but must not exceed 3mA of current on any of those pins. A 0.01μF bypass capacitor on the
supply is recommended as shown in Figure 8-3 and Figure 8-4. The SCL and SDA lines can be pulled up to a
supply that is equal to or higher than V+ through the pullup resistors. To configure one of four different addresses
on the bus, connect the ADD0 pin to either the GND, V+, SDA, or SCL pin.
8.2.2 Detailed Design Procedure
Place the TMP112-Q1/TMP112D-Q1 device in close proximity to the heat source that must be monitored, with a
proper layout for good thermal coupling. This placement verifies that temperature changes are captured within
the shortest possible time interval. To maintain accuracy in applications that require air or surface temperature
measurement, care must be taken to isolate the package and leads from ambient air temperature. A thermally-
conductive adhesive is helpful in achieving accurate surface temperature measurement.
The TMP112-Q1/TMP112D-Q1 device is a very low-power device and generates very low noise on the supply
bus. Applying an RC filter to the V+ pin of the TMP112-Q1/TMP112D-Q1 device can further reduce any noise
that the TMP112-Q1/TMP112D-Q1 device can propagate to other components. R(F) in Figure 8-5 must be less
than 5kΩ and C(F) must be greater than 10nF.
Device
SCL
SDA
GND
V+
ALERT
ADD0
C
(F)
10nF
≥
R
(F)
5kΩ
≤
Supply Voltage
Figure 8-5. Noise Reduction Techniques (for SOT563-6 Package as an Example)
8.2.3 Application Curve
Figure 8-6 shows the step response of the TMP112-Q1/TMP112D-Q1 device to a submersion in an oil bath of
100°C from room temperature (27°C). The time-constant, or the time for the output to reach 63% of the input
step, is 1.2s for both packages. The time-constant result depends on the printed circuit board (PCB) that the
TMP112-Q1/TMP112D-Q1 device is mounted. For this test, the TMP112-Q1/TMP112D-Q1 device is soldered to
a two-layer PCB that measured 0.5 inches × 0.5 inches.
www.ti.com
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com