Electronic Components Datasheet Search
  English  ▼

X  

TMP112D Datasheet(PDF) 24 Page - Texas Instruments

Part # TMP112D
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112D Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP112D Datasheet HTML 20Page - Texas Instruments TMP112D Datasheet HTML 21Page - Texas Instruments TMP112D Datasheet HTML 22Page - Texas Instruments TMP112D Datasheet HTML 23Page - Texas Instruments TMP112D Datasheet HTML 24Page - Texas Instruments TMP112D Datasheet HTML 25Page - Texas Instruments TMP112D Datasheet HTML 26Page - Texas Instruments TMP112D Datasheet HTML 27Page - Texas Instruments TMP112D Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
(LOW)
Register
T
(HIGH)
Register
Pointer
Register
Figure 7-8. Internal Register Structure
Table 7-6 lists the pointer address of the registers available in the TMP112-Q1/TMP112D-Q1 device.Table 7-7
lists the bits of the pointer register byte. During a write command, bytes P2 through P7 must always be 0.
Table 7-6. Pointer Addresses
P1
P0
REGISTER
0
0
Temperature register (read only [R])
0
1
Configuration register (read-write [R/W])
1
0
T(LOW) register (R/W)
1
1
T(HIGH) register (R/W)
Table 7-7. Pointer Register Byte
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Bits
7.5.2 Temperature Register
The temperature register of the TMP112-Q1/TMP112D-Q1 device is configured as a 12-bit read-only register
(setting the EM bit to 0 in the configuration register; see the Extended Mode (EM) section), or as a 13-bit
read-only register (setting the EM bit to 1 in the configuration register) that stores the output of the most recent
conversion. Two bytes must be read to obtain data and are listed in Table 7-8. Byte 1 is the most significant byte
(MSB), followed by byte 2, the least significant byte (LSB). The first 12 bits (13 bits in extended mode) are used
to indicate temperature. The least significant byte does not have to be read if that information is not needed.
Table 7-8. Bytes 1 and 2 of Temperature Register (1)
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
T11
T10
T9
T8
T7
T6
T5
T4
(T12)
(T11)
(T10)
(T9)
(T8)
(T7)
(T6)
(T5)
2
T3
T2
T1
T0
0
0
0
0
(T4)
(T3)
(T2)
(T1)
(T0)
(0)
(0)
(1)
(1)
Extended mode 13-bit configuration shown in parentheses.
7.5.3 Configuration Register
The configuration register is a 16-bit R/W register used to store bits that control the operational modes of the
temperature sensor. Read-write operations are performed MSB first. Table 7-9 lists the format and power-up and
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com