Electronic Components Datasheet Search
  English  ▼

X  

TPS3430 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS3430
Description  TPS3430 Window Watchdog Timer with Programmable Reset Delay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3430 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS3430 Datasheet HTML 12Page - Texas Instruments TPS3430 Datasheet HTML 13Page - Texas Instruments TPS3430 Datasheet HTML 14Page - Texas Instruments TPS3430 Datasheet HTML 15Page - Texas Instruments TPS3430 Datasheet HTML 16Page - Texas Instruments TPS3430 Datasheet HTML 17Page - Texas Instruments TPS3430 Datasheet HTML 18Page - Texas Instruments TPS3430 Datasheet HTML 19Page - Texas Instruments TPS3430 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The following sections describe in detail proper device implementation, depending on the final application
requirements.
8.1.1 CRST Delay
The TPS3430 features three options for setting the reset delay (tRST): connecting a capacitor to the CRST pin,
connecting a pull-up resistor to VDD, and leaving the CRST pin unconnected. Figure 8-1 shows a schematic
drawing of all three options. To determine which option is connected to the CRST pin, an internal state machine
controls the internal pulldown device and measures the pin voltage. This sequence of events takes 381 μs (tINIT)
to determine which timing option is used. Every time WDO is asserted, the state machine determines what is
connected to the pin.
VDD
CCRST
Cap
Control
375 nA
CRST
VDD
CRST
CRST
User Programmable
Capacitor to GND
10 NŸ 5HVLVWRU
to VDD
CRST
Unconnected
TPS3430
TPS3430
TPS3430
VDD
VDD
Cap
Control
375 nA
VDD
Cap
Control
375 nA
VDD
Figure 8-1. CRST Charging Circuit
8.1.1.1 Factory-Programmed Watchdog Reset Delay Timing
To use the factory-programmed timing options, the CRST pin must either be left unconnected or pulled up to
VDD through a 10-kΩ pull-up resistor. Using these options enables a high-precision, 15% accurate reset delay
timing, as shown in Table 8-1.
Table 8-1. Watchdog Reset Delay Time for Factory-Programmed Timing
CRST
WDO DELAY TIME (tRST)
UNIT
MIN
TYP
MAX
NC
170
200
230
ms
10 kΩ to VDD
8.5
10
11.5
ms
8.1.1.2 CRST Programmable Watchdog Reset Delay
The TPS3430 uses a CRST pin charging current (ICRST) of 375 nA. When using an external capacitor, the rising
WDO delay time can be set to any value between 700 µs (CCRST = 100 pF) and 3.2 seconds (CCRST = 1 µF).
TPS3430
SBVS366A – JULY 2018 – REVISED OCTOBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS3430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com