Electronic Components Datasheet Search
  English  ▼

X  

TPS3430 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS3430
Description  TPS3430 Window Watchdog Timer with Programmable Reset Delay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3430 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3430 Datasheet HTML 6Page - Texas Instruments TPS3430 Datasheet HTML 7Page - Texas Instruments TPS3430 Datasheet HTML 8Page - Texas Instruments TPS3430 Datasheet HTML 9Page - Texas Instruments TPS3430 Datasheet HTML 10Page - Texas Instruments TPS3430 Datasheet HTML 11Page - Texas Instruments TPS3430 Datasheet HTML 12Page - Texas Instruments TPS3430 Datasheet HTML 13Page - Texas Instruments TPS3430 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
7 Detailed Description
7.1 Overview
The TPS3430 is a high-accuracy programmable window watchdog timer with watchdog disable feature that
achieves 15% watchdog timing accuracy over the specified temperature range of –40°C to +125°C.
7.2 Functional Block Diagrams
VDD2
Precision
Clock
State
Machine
CWD
CRST
GND
VDD1
WDI SET0 SET1
WDO
Cap
Control
Cap
Control
VDD
VDD
(1)
(1)
A.
VDD1 and VDD2 are not internally connected and must be connected externally for the device to function.
Figure 7-1. TPS3430 Block Diagram
7.3 Feature Description
7.3.1 CRST
The CRST pin provides the user the functionality of both high-precision, factory-programmed watchdog reset
delay timing options and user-programmable watchdog reset delay timing. The CRST pin can be pulled up to
VDD through a resistor, have an external capacitor to ground, or can be left unconnected. The configuration
of the CRST pin is re-evaluated by the device every time the voltage on VDD comes up. The pin evaluation
is controlled by an internal state machine that determines which option is connected to the CRST pin. The
sequence of events takes 381 μs (tINIT) to determine if the CRST pin is left unconnected, pulled up through a
resistor, or connected to a capacitor. If the CRST pin is being pulled up to VDD, then a
10-kΩ pull-up resistor is required.
7.3.2 Window Watchdog
7.3.2.1 SET0 and SET1
When changing the SET0 or SET1 pins, there are two cases to consider: enabling and disabling the watchdog,
and changing the SET0 or SET1 pins when the watchdog is enabled. In case 1 where the watchdog is being
enabled or disabled, the changes take effect immediately. However, in case 2, a WDO fault event must occur in
order for the changes to take place.
TPS3430
SBVS366A – JULY 2018 – REVISED OCTOBER 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS3430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com