Electronic Components Datasheet Search
  English  ▼

X  

TPS3430 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS3430
Description  TPS3430 Window Watchdog Timer with Programmable Reset Delay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3430 Datasheet(HTML) 3 Page - Texas Instruments

  TPS3430 Datasheet HTML 1Page - Texas Instruments TPS3430 Datasheet HTML 2Page - Texas Instruments TPS3430 Datasheet HTML 3Page - Texas Instruments TPS3430 Datasheet HTML 4Page - Texas Instruments TPS3430 Datasheet HTML 5Page - Texas Instruments TPS3430 Datasheet HTML 6Page - Texas Instruments TPS3430 Datasheet HTML 7Page - Texas Instruments TPS3430 Datasheet HTML 8Page - Texas Instruments TPS3430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
5 Pin Configuration and Functions
1
VDD1
10
VDD2
2
CWD
9
NC
3
SET0
8
WDO
4
CRST
7
WDI
5
GND
6
SET1
Not to scale
Thermal
Pad
Figure 5-1. DRC Package
3-mm × 3-mm VSON-10
Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VDD1
1
I
Supply voltage pin. For noisy systems, connecting a 0.1-µF bypass capacitor is recommended.
CWD
2
I
Programmable watchdog timeout input. Watchdog timeout is set by connecting a capacitor between this pin
and ground. Furthermore, this pin can also be connected by a 10-kΩ resistor to VDD, or leaving unconnected
(NC) further enables the selection of the preset watchdog timeouts; see the Section 6.6 table.
When using a capacitor, the TPS3430 determines the window watchdog upper boundary with Equation 4. The
lower watchdog boundary is set by the SET pins, see andTable 8-5 the Section 8.1.2 section for additional
information.
SET0
3
I
Logic input. SET0, SET1, and CWD select the watchdog window ratios, timeouts, and disable the watchdog;
see the Section 6.6 table.
CRST
4
I
Programmable watchdog reset delay pin. Connect a capacitor between this pin and GND to program the
watchdog reset delay period. This pin can also be connected by a 10-kΩ pull-up resistor to VDD, or left
unconnected (NC) for various factory programmed watchdog reset delay options; see the Section 8.1.1
section.
When using an external capacitor, use Equation 1 to determine the watchdog reset delay.
GND
5
—
Ground pin
SET1
6
I
Logic input. SET0, SET1, and CWD select the watchdog window ratios, timeouts, and disable the watchdog;
see the Section 6.6 table.
WDI
7
I
Watchdog input. A falling transition (edge) must occur at this pin within the watchdog timeout between the
lower (tWDL(max)) and upper (tWDU(min)) window boundaries in order for WDO to not assert. During power up, all
pulses to WDI are ignored before tRST expires and the watchdog is disabled.
When the watchdog is not in use, the SET pins can be used to disable the watchdog. The input at WDI is
ignored when WDO is low (asserted) and also when the watchdog is disabled. If the watchdog is disabled,
then WDI cannot be left unconnected and must be driven to either VDD or GND.
WDO
8
O
Watchdog open-drain active-low output. Connect WDO with a 1-kΩ to 100-kΩ resistor to VDD or another
power supply. WDO goes low (asserts) when a watchdog timeout occurs. When a watchdog timeout occurs,
WDO goes low (asserts) for the set WDO reset delay (tRST). When the watchdog is disabled, WDO remains
logic high regardless of WDI.
NC
9
NC This pin is no-connect and must be left floating.
VDD2
10
I
Connect this pin to VDD1. The device will not function properly if VDD1 and VDD2 are not externally
connected.
Thermal pad
—
Connect the thermal pad to a large-area ground plane. The thermal pad is internally connected to GND.
www.ti.com
TPS3430
SBVS366A – JULY 2018 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS3430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com