Electronic Components Datasheet Search
  English  ▼

X  

TPS3430 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS3430
Description  TPS3430 Window Watchdog Timer with Programmable Reset Delay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3430 Datasheet(HTML) 5 Page - Texas Instruments

  TPS3430 Datasheet HTML 1Page - Texas Instruments TPS3430 Datasheet HTML 2Page - Texas Instruments TPS3430 Datasheet HTML 3Page - Texas Instruments TPS3430 Datasheet HTML 4Page - Texas Instruments TPS3430 Datasheet HTML 5Page - Texas Instruments TPS3430 Datasheet HTML 6Page - Texas Instruments TPS3430 Datasheet HTML 7Page - Texas Instruments TPS3430 Datasheet HTML 8Page - Texas Instruments TPS3430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
TPS3430
UNIT
DRC (VSON)
10 PINS
RθJA
Junction-to-ambient thermal resistance
50.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
50.6
RθJB
Junction-to-board thermal resistance
25.4
ψJT
Junction-to-top characterization parameter
1.2
ψJB
Junction-to-board characterization parameter
25.5
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.3
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
at 1.6 V ≤ VDD ≤ 6.5 V over the operating temperature range of –40°C ≤ TJ ≤ +125°C (unless otherwise noted); typical values
are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL CHARACTERISTICS
VDD1,VDD2
(1) (3)
Supply voltage
1.6
6.5
V
IDD
Supply current
10
19
µA
VPOR (2)
Power-on reset voltage
VOL(MAX) = 0.25 V
0.8
V
ICRST
CRST pin charge current
CRST = 0.5 V
337
375
413
nA
VCRST
CRST pin threshold voltage
1.192
1.21
1.228
V
WINDOW WATCHDOG FUNCTION
ICWD
CWD pin charge current
CWD = 0.5 V
347
375
403
nA
VCWD
CWD pin threshold voltage
1.196
1.21
1.224
V
VOL
WDO output low
VDD = 5 V, ISINK = 3 mA
0.4
V
ID
WDO output leakage current
VDD = 1.6 V, VWDO = 6.5 V
1
µA
VIL
Low-level input voltage (SET0, SET1)
0.25
V
VIH
High-level input voltage (SET0, SET1)
0.8
V
VIL(WDI)
WDO output low
0.3 × VDD
V
VIH(WDI)
WDO output leakage current
0.8 × VDD
V
(1)
When VDD falls below VUVLO, WDI is ignored
(2)
When VDD falls below VPOR, WDO is undefined.
(3)
During power-on, VDD must be a minimum 1.6 V for at least 300 µs.
www.ti.com
TPS3430
SBVS366A – JULY 2018 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS3430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com