Electronic Components Datasheet Search
  English  ▼

X  

TPS3430 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS3430
Description  TPS3430 Window Watchdog Timer with Programmable Reset Delay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3430 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3430 Datasheet HTML 1Page - Texas Instruments TPS3430 Datasheet HTML 2Page - Texas Instruments TPS3430 Datasheet HTML 3Page - Texas Instruments TPS3430 Datasheet HTML 4Page - Texas Instruments TPS3430 Datasheet HTML 5Page - Texas Instruments TPS3430 Datasheet HTML 6Page - Texas Instruments TPS3430 Datasheet HTML 7Page - Texas Instruments TPS3430 Datasheet HTML 8Page - Texas Instruments TPS3430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TPS3430 Window Watchdog Timer with Programmable Reset Delay
1 Features
• Factory-programmed precision watchdog timers:
– ±2.5% Accurate watchdog timeout and
watchdog reset delays typical at 25°C
• Watchdog disable feature
• User-programmable watchdog timeout
• User-programmable watchdog reset delay
• Input voltage range: VDD = 1.6 V to 6.5 V
• Low supply current: IDD = 10 µA (typical)
• Open-drain output
• Small 3-mm × 3-mm, 10-Pin VSON package
• Junction operating temperature range:
–40°C to +125°C
2 Applications
• Smart display
• Battery pack: e-bike/e-scooter/light electric vehicle
(LEV)
• Circuit breaker (ACB, MCCB, VCB)
• eBike / pedelec
• AC charging (pile) station
• Multifunction relay
• Vision computer
3 Description
The TPS3430 is a standalone window watchdog
timer with programmable watchdog window and
programmable watchdog reset delay for a wide variety
of applications. The TPS3430 window watchdog
achieves 2.5% timing accuracy (typical at 25°C) and
the watchdog output ( WDO) reset delay can be
set by factory-programmed default delay settings, or
programmed by an external capacitor. The watchdog
can be disabled via the SET pins to avoid undesired
watchdog timeouts during the development process or
during power on.
The TPS3430 is available in a small 3.00-mm ×
3.00-mm, 10-pin VSON package.
Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
TPS3430
VSON (10)
3.00 mm × 3.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
NC
VDD1
GND
TPS3430
VDD2
3.3V
Microcontroller
SET1
V
CORE
CRST
GND
WDO
NMI
CWD
SET0
WDI
GPIO
NC
NC
Window Watchdog Timer Circuit
Temperature (qC)
-50
-25
0
25
50
75
100
125
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
TPS3
Lower Boundary (tWDL)
Upper Boundary (tWDL)
Normalized Watchdog Timeout Accuracy Over
Temperature (SET0 = 1, SET1 = 1, CWD = NC)
TPS3430
SBVS366A – JULY 2018 – REVISED OCTOBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS3430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
Window Watchdog Timer with Programmable Reset Delay
TPS3430 TI1-TPS3430 Datasheet
1Mb / 34P
Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
2Mb / 26P
Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3430WDRCR TI1-TPS3430WDRCR Datasheet
2Mb / 26P
Window Watchdog Timer with Programmable Reset Delay
More results

Similar Description - TPS3430

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U5021M ATMEL-U5021M Datasheet
177Kb / 11P
DIGITAL WINDOW WATCHDOG TIMER
logo
TEMIC Semiconductors
U5020M TEMIC-U5020M Datasheet
108Kb / 8P
Digital Window Watchdog Timer
logo
ATMEL Corporation
U5021M ATMEL-U5021M_05 Datasheet
225Kb / 11P
Digital Window Watchdog Timer
logo
Texas Instruments
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
logo
Allegro MicroSystems
A4410 ALLEGRO-A4410 Datasheet
1Mb / 41P
Programmable watchdog timer with a 30 ms activation delay
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
Automotive Window Watchdog Timer with Programmable Reset Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com